전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT125T14-13 데이터시트(PDF) 3 Page - Diodes Incorporated

부품명 74AHCT125T14-13
상세설명  QUADRUPLE 3-STATE BUFFERS OE LOW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT125T14-13 데이터시트(HTML) 3 Page - Diodes Incorporated

  74AHCT125T14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHCT125T14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHCT125T14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHCT125T14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHCT125T14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHCT125T14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHCT125T14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHCT125T14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHCT125
Document number: DS35355 Rev. 3 - 2
3 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHCT125
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
4.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
20
ns/V
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
4.5V to 5.5V
2.0
2.0
V
VIL
Low-Level Input
Voltage
4.5V to 5.5V
0.8
0.8
V
VOH
High-Level
Output Voltage
IOH = -50μA
4.5V
4.4
4.4
V
IOH = -8mA
4.5V
3.80
3.70
VOL
Low-Level Output
Voltage
IOL = 50μA
4.5V
0.1
0.1
V
IOL = 8mA
4.5V
0.44
0.55
IOZ
Z State
Leakage Current VO = 0 to 5.5V
5.5V
±2.5
±10
μA
II
Input Current
VI = GND to 5.5V
3.6V
±1
±2
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
3.6V
20
40
μA
ΔICC
Additional Supply
Current
One input at VCC -2.1V
Other pins at VCC or GND
5.5V
1.35
5
mA
Operating Characteristics
Parameter
Test
Conditions
VCC = 5.5V
Unit
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1MHz
14.8
pF
Ci
Input Capacitance
Vi = VCC – or
GND
4.0
pF
Switching Characteristics
Symbol
Parameter
Test Conditions
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
Min
Max
tPD
Propagation Delay AN to YN
Figure 1 CL = 15pF
0.5
3.0
5.5
0.5
6.5
0.5
7.0
ns
Figure 1 CL = 50pF
0.5
4.3
7.5
0.5
8.5
0.5
9.5
tEN
Enable Time OEN to YN
Figure 1 CL = 15pF
0.5
6.7
10.7
0.5
11.0
0.5
11.5
ns
Figure 1 CL = 50pF
0.5
9.8
10.9
0.5
12.1
0.5
12.5
tDIS
Disable Time OEN to YN
Figure 1 CL = 15pF
0.5
4.8
6.8
0.5
8.0
0.5
8.5
ns
Figure 1 CL = 50pF
0.5
6.5
8.9
0.5
10.0
0.5
11.5


유사한 부품 번호 - 74AHCT125T14-13

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT125 PHILIPS-74AHCT125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74AHCT125 NXP-74AHCT125 Datasheet
93Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
logo
Nexperia B.V. All right...
74AHCT125 NEXPERIA-74AHCT125 Datasheet
250Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 12 June 2020
74AHCT125-Q100 NEXPERIA-74AHCT125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHCT125BQ NXP-74AHCT125BQ Datasheet
93Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
More results

유사한 설명 - 74AHCT125T14-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC126 DIODES-74AHC126 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com