전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC14T14 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 74AHC14T14
상세설명  HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC14T14 데이터시트(HTML) 2 Page - Diodes Incorporated

  74AHC14T14 Datasheet HTML 1Page - Diodes Incorporated 74AHC14T14 Datasheet HTML 2Page - Diodes Incorporated 74AHC14T14 Datasheet HTML 3Page - Diodes Incorporated 74AHC14T14 Datasheet HTML 4Page - Diodes Incorporated 74AHC14T14 Datasheet HTML 5Page - Diodes Incorporated 74AHC14T14 Datasheet HTML 6Page - Diodes Incorporated 74AHC14T14 Datasheet HTML 7Page - Diodes Incorporated 74AHC14T14 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AHC14
Document number: DS35342 Rev 3 - 2
2 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC14
Pin Descriptions
Pin
Number
Pin Name
Function
1
1A
Data Input
2
1Y
Data Output
3
2A
Data Input
4
2Y
Data Output
5
3A
Data Input
6
3Y
Data Output
7
GND
Ground
8
4Y
Data Output
9
4A
Data Input
10
5Y
Data Output
11
5A
Data Input
12
6Y
Data Output
13
6A
Data Input
14
Vcc
Supply Voltage
Function Table
Input
Output
A
Y
L
H
H
L
Logic Diagram
1
2
1Y
1A
3
4
2Y
2A
5
6
3Y
3A
9
8
4Y
4A
11
10
5Y
5A
13
12
6Y
6A
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
IIK
Input Clamp Current
VI < -0.5V
-20
mA
IOK
Output Clamp Current VO < -0.5V
-20
mA
IOK
Output Clamp Current
VO > VCC +0.5V
25
mA
IO
Continuous Output Current -0.5V < VO VCC +0.5V
+/- 25
mA
ICC
Continuous Current Through VCC
75
mA
IGND
Continuous Current Through GND
-75
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Note:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should
be within recommend values. VCC to the extent the maximum clamp current is exceeded.
5. Unused inputs should be held at VCC or Ground.


유사한 부품 번호 - 74AHC14T14

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14 PHILIPS-74AHC14 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC14 NXP-74AHC14 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74AHC14 NEXPERIA-74AHC14 Datasheet
282Kb / 16P
   Hex inverting Schmitt trigger
Rev. 6 - 16 June 2020
74AHC14-Q100 NEXPERIA-74AHC14-Q100 Datasheet
849Kb / 17P
   Hex inverting Schmitt trigger
More results

유사한 설명 - 74AHC14T14

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74LVC14A DIODES-74LVC14A Datasheet
176Kb / 10P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
74LV14A DIODES-74LV14A Datasheet
285Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
74HCT14 DIODES-74HCT14 Datasheet
266Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
54LS14J TI1-54LS14J Datasheet
131Kb / 8P
[Old version datasheet]   Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74AHCT14 DIODES-74AHCT14 Datasheet
292Kb / 8P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
National Semiconductor ...
74LS14 NSC-74LS14 Datasheet
123Kb / 6P
   Hex Inverters with Schmitt Trigger Inputs
logo
Diodes Incorporated
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
SN74HCS04-Q1 TI1-SN74HCS04-Q1 Datasheet
270Kb / 17P
[Old version datasheet]   Automotive Hex Inverters with Schmitt-Trigger Inputs
SNC54LS14J TI-SNC54LS14J Datasheet
131Kb / 8P
[Old version datasheet]   54LS14 Hex Inverters with Schmitt Trigger Inputs
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com