전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF5M3205SCV 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRF5M3205SCV
상세설명  HEXFET짰 POWER MOSFET THRU-HOLE (TO-254AA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF5M3205SCV 데이터시트(HTML) 5 Page - International Rectifier

  IRF5M3205SCV Datasheet HTML 1Page - International Rectifier IRF5M3205SCV Datasheet HTML 2Page - International Rectifier IRF5M3205SCV Datasheet HTML 3Page - International Rectifier IRF5M3205SCV Datasheet HTML 4Page - International Rectifier IRF5M3205SCV Datasheet HTML 5Page - International Rectifier IRF5M3205SCV Datasheet HTML 6Page - International Rectifier IRF5M3205SCV Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRF5M3205
Fig 10b. Switching Time Waveforms
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10a. Switching Time Test Circuit
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
VGS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
20
40
60
80
T , Case Temperature ( C)
°
C

LIMITED BY PACKAGE


유사한 부품 번호 - IRF5M3205SCV

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF5M3205 IRF-IRF5M3205 Datasheet
113Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)
IRF5M3205 IRF-IRF5M3205 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
IRF5M3205 IRF-IRF5M3205_15 Datasheet
115Kb / 7P
   Avalanche Energy Ratings
More results

유사한 설명 - IRF5M3205SCV

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFM350 IRF-IRFM350 Datasheet
203Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
New Jersey Semi-Conduct...
IRFM250 NJSEMI-IRFM250 Datasheet
614Kb / 2P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM064 IRF-IRFM064 Datasheet
198Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM9240 IRF-IRFM9240 Datasheet
190Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM8240 IRF-IRFM8240 Datasheet
191Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM054 IRF-IRFM054 Datasheet
192Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM460 IRF-IRFM460 Datasheet
204Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
New Jersey Semi-Conduct...
IRFM240 NJSEMI-IRFM240 Datasheet
854Kb / 3P
   POWER MOSFET THRU-HOLE (TO-254AA)
logo
International Rectifier
IRFM250 IRF-IRFM250 Datasheet
163Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
IRFM450 IRF-IRFM450 Datasheet
181Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com