전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC08T14-13 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 74AHC08T14-13
상세설명  QUADRUPLE 2-INPUT AND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC08T14-13 데이터시트(HTML) 4 Page - Diodes Incorporated

  74AHC08T14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHC08
Document number: DS35341 Rev. 3 - 2
4 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC08
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
4.5
7.9
0.5
9.5
0.5
10.0
ns
4.5V to 5.5V
0.5
3.2
5.5
0.5
6.5
0.5
7.0
Figure 1
C L = 50pF
3.0V to 3.6V
0.5
6.0
11.4
0.5
13.0
0.5
14.5
4.5V to 5.5V
0.5
4.5
7.5
0.5
8.5
0.5
9.5
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
3.3V -3.6V
VCC
3ns
VCC/2
15pF, 50pF
4.5V to 5.5V
VCC
3ns
VCC/2
15pF, 50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A . Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


유사한 부품 번호 - 74AHC08T14-13

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC08T14 PHILIPS-74AHC08T14 Datasheet
73Kb / 16P
   Quad 2-input AND gate
1999 Sep 24
More results

유사한 설명 - 74AHC08T14-13

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
   Quadruple 2-Input AND Gates
logo
Diodes Incorporated
74HC08 DIODES-74HC08 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
74LVC08A DIODES-74LVC08A Datasheet
207Kb / 10P
   QUADRUPLE 2-INPUT AND GATES
logo
Aeroflex Circuit Techno...
UT54ACS08E AEROFLEX-UT54ACS08E Datasheet
127Kb / 10P
   Quadruple 2-Input AND Gates
logo
Diodes Incorporated
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com