전자부품 데이터시트 검색엔진 |
|
IRF2807ZS 데이터시트(PDF) 2 Page - International Rectifier |
|
IRF2807ZS 데이터시트(HTML) 2 Page - International Rectifier |
2 / 13 page IRF2807Z/S/L 2 www.irf.com Notes: Repetitive rating; pulse width limited by max. junction temperature. (See fig. 11). Limited by T Jmax, starting TJ = 25°C, L = 0.12mH, RG = 25Ω, IAS = 53A, VGS =10V. Part not recommended for use above this value. ISD ≤ 53A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C. Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS . Limited by T Jmax , see Fig.12a, 12b, 15, 16 for typical repetitive avalanche performance. This value determined from sample failure population. 100% tested to this value in production. This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ). For recommended footprint and soldering techniques refer to application note #AN-994. S D G S D G Static @ TJ = 25°C (unless otherwise specified) Parameter Min. Typ. Max. Units V(BR)DSS Drain-to-Source Breakdown Voltage75 ––– ––– V ∆ΒV DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.073 ––– V/°C RDS(on) Static Drain-to-Source On-Resistance ––– 7.5 9.4 m Ω VGS(th) Gate Threshold Voltage 2.0 ––– 4.0 V gfs Forward Transconductance 67 ––– ––– S IDSS Drain-to-Source Leakage Current ––– ––– 20 µA ––– ––– 250 IGSS Gate-to-Source Forward Leakage ––– ––– 200 nA Gate-to-Source Reverse Leakage––– ––– -200 Qg Total Gate Charge ––– 71 110 nC Qgs Gate-to-Source Charge ––– 19 29 Qgd Gate-to-Drain ("Miller") Charge ––– 28 42 td(on) Turn-On Delay Time ––– 18 ––– ns tr Rise Time ––– 79 ––– td(off) Turn-Off Delay Time ––– 40 ––– tf Fall Time ––– 45 ––– LD Internal Drain Inductance ––– 4.5 ––– nH Between lead, 6mm (0.25in.) LS Internal Source Inductance ––– 7.5 ––– from package and center of die contact Ciss Input Capacitance ––– 3270 ––– pF Coss Output Capacitance ––– 420 ––– Crss Reverse Transfer Capacitance ––– 240 ––– Coss Output Capacitance ––– 1590 ––– Coss Output Capacitance ––– 280 ––– Coss eff. Effective Output Capacitance ––– 440 ––– Diode Characteristics Parameter Min. Typ. Max. Units IS Continuous Source Current ––– ––– 89 (Body Diode) A ISM Pulsed Source Current ––– ––– 350 (Body Diode) Ã VSD Diode Forward Voltage ––– ––– 1.3 V trr Reverse Recovery Time ––– 4669ns Qrr Reverse Recovery Charge––– 80 120 nC ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Conditions VGS = 0V, ID = 250µA Reference to 25°C, ID = 1mA VGS = 10V, ID = 53A f VDS = VGS, ID = 250µA VDS = 75V, VGS = 0V VDS = 75V, VGS = 0V, TJ = 125°C RG = 6.2Ω ID = 53A VDS = 25V, ID = 53A VDD = 38V ID = 53A VGS = 20V VGS = -20V TJ = 25°C, IF = 53A, VDD = 25V di/dt = 100A/µs f TJ = 25°C, IS = 53A, VGS = 0V f showing the integral reverse p-n junction diode. MOSFET symbol VGS = 0V VDS = 25V VGS = 0V, VDS = 60V, ƒ = 1.0MHz Conditions VGS = 0V, VDS = 0V to 60V VDS = 60V VGS = 10V f ƒ = 1.0MHz, See Fig. 5 VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz VGS = 10V f |
유사한 부품 번호 - IRF2807ZS |
|
유사한 설명 - IRF2807ZS |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |