전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2641-01 데이터시트(PDF) 2 Page - Fuji Electric

부품명 2SK2641-01
상세설명  N-channel MOS-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2641-01 데이터시트(HTML) 2 Page - Fuji Electric

  2SK2641-01 Datasheet HTML 1Page - Fuji Electric 2SK2641-01 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
N-channel MOS-FET
2SK2641-01
500V
0,9Ω
10A
100W
FAP-IIS Series
> Characteristics
Typical Output Characteristics
Drain-Source On-State Resistance vs. Tch
Typical Transfer Characteristics
ID=f(VDS); 80µs pulse test; TC=25°C
RDS(on) = f(Tch); ID=5A; VGS=10V
ID=f(VGS); 80µs pulse test; VDS=25V; Tch=25°C
1
2
3
VDS [V]
Tch [°C]
VGS [V]
Typical Drain-Source On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(on)=f(ID); 80µs pulse test; TC=25°C
gfs=f(ID); 80µs pulse test; VDS=25V; Tch=25°C
VGS(th)=f(Tch); ID=1mA; VDS=VGS
4
5
6
ID [A]
ID [A]
Tch [°C]
Typical Capacitances vs. VDS
Typical Gate Charge Characteristic
Forward Characteristics of Reverse Diode
C=f(VDS); VGS=0V; f=1MHz
VGS=f(Qg); ID=10A; Tc=25°C
IF=f(VSD); 80µs pulse test; VGS=0V
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Avalanche Energy Derating
Safe Operation Area
Eas=f(starting Tch); VCC=50V; IAV=10A
ID=f(VDS): D=0,01, Tc=25°C
Transient Thermal impedance
10
12
Zthch=f(t) parameter:D=t/T
Starting Tch [°C]
VDS [V]
t [s]
This specification is subject to change without notice!


유사한 부품 번호 - 2SK2641-01

제조업체부품명데이터시트상세설명
logo
Fuji Electric
2SK2641-01 FUJI-2SK2641-01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK2641-01 FUJI-2SK2641-01_01 Datasheet
75Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results

유사한 설명 - 2SK2641-01

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com