전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA741IDIDT 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 UA741IDIDT
상세설명  General-purpose single operational amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741IDIDT 데이터시트(HTML) 3 Page - STMicroelectronics

  UA741IDIDT Datasheet HTML 1Page - STMicroelectronics UA741IDIDT Datasheet HTML 2Page - STMicroelectronics UA741IDIDT Datasheet HTML 3Page - STMicroelectronics UA741IDIDT Datasheet HTML 4Page - STMicroelectronics UA741IDIDT Datasheet HTML 5Page - STMicroelectronics UA741IDIDT Datasheet HTML 6Page - STMicroelectronics UA741IDIDT Datasheet HTML 7Page - STMicroelectronics UA741IDIDT Datasheet HTML 8Page - STMicroelectronics UA741IDIDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID5304 Rev 3
3/11
UA741
Schematic diagram
11
1
Schematic diagram
Figure 1. Schematic diagram
Non-Inverting input
Q8
Q9
Q12
Q1
Q2
R5
39k
W
Q3
Q4
Q7
Q5
Q6
Q10
Q11
R1
1k
W
R12
50k
W
Vcc-
Q17
Q16
Q20
R10
50
W
Output
R9
25
W
Q14
Q15
Vcc+
Q13
C1
30pF
Inverting
input
Offset
null 2
R2
1k
W
R3
50k
W
Offset
null 1
R4
5k
W
Q18
R7
4.5k
W
R8
7.5k
W
Q22
R11
50
W


유사한 부품 번호 - UA741IDIDT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UA741ID TI-UA741ID Datasheet
477Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
UA741ID/IDT STMICROELECTRONICS-UA741ID/IDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741ID/IDT STMICROELECTRONICS-UA741ID/IDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
More results

유사한 설명 - UA741IDIDT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com