전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FIN1215 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FIN1215
상세설명  LVDS 21-Bit Serializers / De-Serializers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1215 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FIN1215 Datasheet HTML 1Page - Fairchild Semiconductor FIN1215 Datasheet HTML 2Page - Fairchild Semiconductor FIN1215 Datasheet HTML 3Page - Fairchild Semiconductor FIN1215 Datasheet HTML 4Page - Fairchild Semiconductor FIN1215 Datasheet HTML 5Page - Fairchild Semiconductor FIN1215 Datasheet HTML 6Page - Fairchild Semiconductor FIN1215 Datasheet HTML 7Page - Fairchild Semiconductor FIN1215 Datasheet HTML 8Page - Fairchild Semiconductor FIN1215 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1215 / FIN1216 / FIN1217 • Rev. 1.0.3
4
Receivers
Pin Configuration
Figure 4. FIN1216 / FIN1218 (3:21 Receiver)
Pin Definitions
Pin Names
I/O
Type
# of
Pins
Description of Signals
RxIn
I
3
Negative LVDS Differential Data Output
RxIn+
I
3
Positive LVDS Differential Data Output
RxCLKIn-
I
1
Negative LVDS Differential Clock Output
RxCLKIn+
I
1
Positive LVDS Differential Clock Output
RxOut-
O
21
LVTTL Level Data Outputs Goes HIGH for /PwrDn LOW
RxCLKOut
O
1
LVTTL Level Clock Output
/PwrDn
I
1
LVTTL Level Input; Refer to Transmitter and Receiver Power-up and Power-down
Operation Truth Table
PLL VCC
I
1
Power Supply Pin for PLL
PLL GND
I
2
Ground Pins for PLL
LVDS VCC
I
1
Power Supply Pins for LVDS Inputs
LVDS GND
I
3
Ground Pin for LVDS Inputs
VCC
I
4
Power Supply Pins for LVTTL Outputs
GND
I
5
Ground Pins for LVTTL Outputs
NC
No Connect


유사한 부품 번호 - FIN1215

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FIN1215 FAIRCHILD-FIN1215 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1215MTD FAIRCHILD-FIN1215MTD Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1215MTD FAIRCHILD-FIN1215MTD Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
ON Semiconductor
FIN1215MTDX ONSEMI-FIN1215MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

유사한 설명 - FIN1215

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1217 FAIRCHILD-FIN1217_05 Datasheet
455Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com