전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD006-00 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 AD006-00
상세설명  Package Drawings and Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AD006-00 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD006-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD006-00 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Appendix
- 140 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Electrical Offset: The inherent imbalance of the bridge expressed in differential voltage output.
RBP: Reverse Battery Protection.
Definitions and Conversion Factors
Definitions:
CSK or Sink: Current sinking output, also referred to as Open Collector output.
Differential: The field difference between the Operate Point and the Release Point.
HBM: Human Body Model for ESD specifications.
Hysteresis: The maximum deviation in volts between the output with increasing field and the output
with decreasing field, where the applied field is unipolar (applied in either a positive or negative
direction, without crossing the zero field point), divided by Voltage Span. Expressed as a percentage.
Input Voltage Range: The voltage range that can be applied across the bridge.
IOL (Current Output Low): The output current in the low (logic 0) state (output stage switched on).
Max Output: A specification given in millivolts per applied voltage. This is the maximum output
voltage possible. This output condition is achieved when one set of resistors is in magnetic saturation
(have achieved the maximum resistance change possible) while the other pair are at zero applied
magnetic field.
Nonlinearity: The maximum deviation from a linear fit taken over the Field Range divided by the
Voltage Span. Expressed as a percentage.
Off-axis Characteristic: A specification that describes the variation in sensor output versus the angle
between the applied field direction and the sensitive axis of the GMR sensor with constant electrical
and magnetic inputs applied. Applicable to non-integrated bridge sensors. The output will vary as the
cosine of the angle rotated.
Operate Point: The field level which produces a logical change in state from “0” to “1” in NVE’s
digital magnetic field sensors ADXXX-XX.
Operating Frequency: Frequency range within which a sensor will produce a responsive output.
Output Leakage Current (Current Output High): The output current in the high (logic 1) state
(output stage switched off).
Output Saturation Voltage (Voltage Output Low): The output voltage in the low (logic 0) state
(output stage switched on).
Release Point: The field level which produces a logical change in state from “1” to “0” in NVE’s
digital magnetic field sensors ADXXX-XX.
Resistor Separation: This is the mean separation between the two pairs of resistors, in a Gradiometer
or Differential sensor.
Sensitivity: A measure of the output magnitude based on electrical and magnetic input conditions.
Expressed in millivolts of differential output per applied voltage per Oersted.


유사한 부품 번호 - AD006-00

제조업체부품명데이터시트상세설명
logo
RHOPOINT COMPONENTS
AD006-00 RHOPOINT-AD006-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
More results

유사한 설명 - AD006-00

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
APD032 ETC-APD032 Datasheet
76Kb / 4P
   PACKAGE MECHANICAL SPECIFICATIONS AND PARAMETERS
logo
Kemet Corporation
CDR01BP101BKZM KEMET-CDR01BP101BKZM Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAL KEMET-C0805Z101K5GAL Datasheet
270Kb / 3P
   CAPACITOR OUTLINE DRAWINGS
C0504A109F2GAC KEMET-C0504A109F2GAC Datasheet
105Kb / 7P
   CAPACITOR OUTLINE DRAWINGS
CDR35BX474AKUS KEMET-CDR35BX474AKUS Datasheet
1Mb / 10P
   CAPACITOR OUTLINE DRAWINGS
C0805Z101K5GAH KEMET-C0805Z101K5GAH Datasheet
271Kb / 4P
   CAPACITOR OUTLINE DRAWINGS
logo
Advanced Crystal Techno...
ACT_HC49_U_STANDARD ACT-ACT_HC49_U_STANDARD Datasheet
501Kb / 4P
   family is available in industry standard package and specifications
20-11-2012
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
   CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
logo
List of Unclassifed Man...
MS3102R28-21PY ETC2-MS3102R28-21PY Datasheet
219Kb / 1P
   Specification and Dimensions subject to chang Drawings illustrate normal insulator positioning
22-03-2021 ETC1-22-03-2021 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com