전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD9NM40N 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STD9NM40N
상세설명  N-channel 400 V, 0.73typ., 5.6 A MDmesh??II Power MOSFET in DPAK and TO-220 packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD9NM40N 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STD9NM40N Datasheet HTML 2Page - STMicroelectronics STD9NM40N Datasheet HTML 3Page - STMicroelectronics STD9NM40N Datasheet HTML 4Page - STMicroelectronics STD9NM40N Datasheet HTML 5Page - STMicroelectronics STD9NM40N Datasheet HTML 6Page - STMicroelectronics STD9NM40N Datasheet HTML 7Page - STMicroelectronics STD9NM40N Datasheet HTML 8Page - STMicroelectronics STD9NM40N Datasheet HTML 9Page - STMicroelectronics STD9NM40N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
STD9NM40N, STP9NM40N
6/18
Doc ID 023762 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for DPAK
Figure 3.
Thermal impedance for DPAK
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM16303v1
Figure 4.
Safe operating area for TO-220
Figure 5.
Thermal impedance for TO-220
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM15517v1
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
ID
6
4
2
0
0
4
VDS(V)
8
(A)
2
6
10
8
10
5V
6V
VGS=10V
12 14 16 18
AM16304v1
ID
6
4
2
0
0
4
VGS(V)
8
(A)
2
6
8
10
VDS=20V
AM16305v1


유사한 부품 번호 - STD9NM40N

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STD9NM40N ISC-STD9NM40N Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STD9NM40N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
STF8NM50N STMICROELECTRONICS-STF8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 Ohm typ., 5 A MDmesh II Power MOSFET in DPAK, TO-220 and IPAK packages
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STB18N65M5 STMICROELECTRONICS-STB18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
STD18N65M5 STMICROELECTRONICS-STD18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
STD2N105K5 STMICROELECTRONICS-STD2N105K5 Datasheet
1Mb / 21P
   N-channel 1050 V, 6 廓 typ., 1.5 A MDmesh??K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
November 2014 Rev 3
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com