전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMP18FRU 데이터시트(PDF) 4 Page - Analog Devices

부품명 SMP18FRU
상세설명  Octal Sample-and-Hold with Multiplexed Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SMP18FRU 데이터시트(HTML) 4 Page - Analog Devices

  SMP18FRU Datasheet HTML 1Page - Analog Devices SMP18FRU Datasheet HTML 2Page - Analog Devices SMP18FRU Datasheet HTML 3Page - Analog Devices SMP18FRU Datasheet HTML 4Page - Analog Devices SMP18FRU Datasheet HTML 5Page - Analog Devices SMP18FRU Datasheet HTML 6Page - Analog Devices SMP18FRU Datasheet HTML 7Page - Analog Devices SMP18FRU Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMP18
REV. C
–4–
TEMPERATURE –
°C
100
10
0.01
–40
–20
100
0
20406080
0
0.1
VDD = +12V
VSS = 0V
VIN = +6V
RL = 10kΩ
Droop Rate vs. Temperature
INPUT VOLTAGE – Volts
0
–3
–6
01
10
23
4
5
6
7
8
9
–1
–2
–4
–5
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
Hold Step vs. Input Voltage
INPUT VOLTAGE – Volts
4
–10
01
10
23
4
5
6
7
8
9
2
0
–2
–4
–6
–8
VDD = +12V
VSS = 0V
TA = +25°C
RL =
RL = 20kΩ
RL = 10kΩ
Offset Voltage vs. Input Voltage
–Typical Performance Characteristics
INPUT VOLTAGE – Volts
5
3
–5
01
10
23
4
5
6
7
8
9
1
–1
–3
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
Droop Rate vs. Input Voltage
TEMPERATURE –
°C
1
–7
–55 –35
125
–15
5
25
65
85
105
45
0
–3
–4
–5
–6
–1
–2
VDD = +12V
VSS = 0V
VIN = 6V
NO LOAD
Hold Step vs. Temperature
INPUT VOLTAGE – Volts
20
5
–20
01
10
23
4
5
6
7
8
9
15
10
–5
–15
0
–10
VDD = +12V
VSS = 0V
TA = +85°C
RL =
RL = 20kΩ
RL = 10kΩ
Offset Voltage vs. Input Voltage
INPUT VOLTAGE – Volts
130
70
10
01
10
23
4
5
6
7
8
9
110
90
50
30
VDD = +12V
VSS = 0V
TA = +85°C
NO LOAD
Droop Rate vs. Input Voltage
VDD – Volts
30
0
10
11
18
12
13
14
15
16
17
25
20
15
10
5
VDD = +12V
VSS = 0V
TA = +25°C
NO LOAD
+SR
–SR
Slew Rate vs. VDD
INPUT VOLTAGE – Volts
4
–10
01
10
23
4
5
6
7
8
9
2
0
–2
–4
–6
–8
VDD = +12V
VSS = 0V
TA = –40°C
RL =
RL = 20kΩ
RL = 10kΩ
Offset Voltage vs. Input Voltage


유사한 부품 번호 - SMP18FRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
SMP18FRU AD-SMP18FRU Datasheet
269Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP18FRU AD-SMP18FRU Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
More results

유사한 설명 - SMP18FRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
SMP08 AD-SMP08 Datasheet
262Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. D
SMP18FPZ AD-SMP18FPZ Datasheet
228Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18_15 Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
SMP18FSZ AD-SMP18FSZ Datasheet
272Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08FPZ AD-SMP08FPZ Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
REV. D
SMP18 AD-SMP18 Datasheet
269Kb / 8P
   Octal Sample-and-Hold with Multiplexed Input
REV. C
SMP08 AD-SMP08_15 Datasheet
481Kb / 8P
   Octal Sample and Hold with Multiplexed Input
SMP08FSZ AD-SMP08FSZ Datasheet
481Kb / 8P
   Octal Sample-and-Hold with Multiplexed lnput
REV. D
logo
Maxim Integrated Produc...
MAX5165 MAXIM-MAX5165 Datasheet
149Kb / 12P
   32-Channel Sample/Hold Amplifier with a Single Multiplexed Input
Rev 0; 7/99
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com