전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM49352 데이터시트(PDF) 2 Page - Texas Instruments

부품명 LM49352
상세설명  Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM49352 데이터시트(HTML) 2 Page - Texas Instruments

  LM49352_14 Datasheet HTML 1Page - Texas Instruments LM49352_14 Datasheet HTML 2Page - Texas Instruments LM49352_14 Datasheet HTML 3Page - Texas Instruments LM49352_14 Datasheet HTML 4Page - Texas Instruments LM49352_14 Datasheet HTML 5Page - Texas Instruments LM49352_14 Datasheet HTML 6Page - Texas Instruments LM49352_14 Datasheet HTML 7Page - Texas Instruments LM49352_14 Datasheet HTML 8Page - Texas Instruments LM49352_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
EP+/
AUX_OUT+
LS_OUT+
HPL_OUT
HPR_OUT
DACREF
MCLK
A_VDD
D_VDD
SCL
SDA
PORT1_CLK
PORT1_WS
PORT1_SDI
PORT1_SDO
PORT2_CLK
PORT2_WS
PORT2_SDI
MONO_IN-
MONO_IN+
POWER MANAGEMENT
and CONTROL
CLOCK
NETWORK
with
6' PLL
REGISTERS
I
2
C
SLAVE
BG
AB
AB
-46.5 dB to 18 dB
6 dB to 36 dB
PORT2_SDO/GPIO
RIGHT
ADC
6'
6'
LEFT
ADC
DAC
EFFECTS
VOL CTRL
5-BAND EQ
ALC
AB
CHARGE
PUMP
CP+
CP-
LS_VDD LSGND
AGND
DGND
I/O_VDD
6'
LEFT
DAC
6'
RIGHT
DAC
HPVSS
MIC+
VCM
EP-/
AUX_OUT-
LS_OUT-
MIC-
VCM
ADC
EFFECTS
VOL CTRL
5-BAND EQ
ALC
AUXR / AUX+
AUXL / AUX-
VCM
HP_VSS
HP_VSS
HP_VDD
HP_VDD
HP_VDD
0 dB to 12 dB
-18 dB
to
0 dB
D
-18 dB
to
0 dB
ADCREF
0 dB to 6 dB
LM49352
SNAS467D – MARCH 2009 – REVISED JUNE 2010
www.ti.com
DESCRIPTION (CONTINUED)
The LM49352 features dual bi-directional I2S or PCM audio interfaces and an I2C compatible interface for control.
The stereo DAC path features an SNR of 103dB with 24-bit 48 kHz input. The headphone amplifier delivers
65mWRMS (typ) to a 32Ω single-ended stereo load with less than 1% distortion (THD+N) when HP_VDD = 2.8V.
The loudspeaker amplifier delivers up to 970mW into an 8
Ω load with less than 1% distortion when LS_VDD =
4.2V.
The LM49352 employs advanced techniques to extend battery life, to reduce controller overhead, to speed
development time, and to eliminate click and pop artifacts. Boomer audio power amplifiers are designed
specifically for mobile devices and require minimal PCB area and external components.
LM49352 Overview
Figure 1. LM49352 Block Diagram
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Links: LM49352


유사한 부품 번호 - LM49352_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
[Old version datasheet]   Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
More results

유사한 설명 - LM49352_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
[Old version datasheet]   Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
[Old version datasheet]   Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
National Semiconductor ...
LM49151 NSC-LM49151 Datasheet
174Kb / 4P
   Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
logo
Texas Instruments
LM49360 TI1-LM49360 Datasheet
2Mb / 137P
[Old version datasheet]   Mono Class D Audio Codec PMU with Ground Referenced Headphone Amplifiers, Earpiece Driver, Audio DSP, 2 Step-Down DC-DC Converters, and 7 LDO Regulators
LM49151 TI1-LM49151 Datasheet
1Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
National Semiconductor ...
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com