전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY1212D-1W 데이터시트(PDF) 2 Page - MORNSUN Science& Technology Ltd.

부품명 BY1212D-1W
상세설명  DUAL / SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

BY1212D-1W 데이터시트(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  BY1212D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. BY1212D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. BY1212D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
AY_D-1W & BY_D-1W
A/1-2012
Page 2 of 3
EMC SPECIFICATIONS
CE
CISPR22/EN55022 Class B(External Circuit Refer to Figure1、2)
EMI
RE
CISPR22/EN55022 Class B(External Circuit Refer to Figure1、2)
ESD
IEC/EN 61000-4-2
Air
±8KV / Contact ±6KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN 61000-4-4
±2KV(External Circuit Refer to Figure1、2) perf. Criteria B
Surge
IEC/EN 61000-4-5
±1KV(External Circuit Refer to Figure1、2) perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMS
Voltage dips、short and interruptions immunity
IEC/EN61000-4-29
0%-40%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
(Figure 1)
(Figure 2)
EMC recommended external circuit
parameters
TVS:SMCJ18A,1500W
(Epcos)
C0:220
μF/25V(Rubycon)
LDM:6.8
μH CD43
TYPICAL CHARACTERISTICS
Output current(%)
O perating Temp.()
Tolerance Envelope G raph
Temperature Derating G raph
Typical Lo
ad Line
Safe Operating Area
Nominal
Voltage
TYPICAL EFFICIENCY CURVE
Efficiency VS Load
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Load
Efficiency
BY1212D-1W
AY1212D-1W
Vout VS
Load
-15
-10
-5
0
5
10
15
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Load
Vout
BY1212D-1W
AY1212D-1W +Vout
AY1212D-1W -Vout


유사한 부품 번호 - BY1212D-1W

제조업체부품명데이터시트상세설명
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
110Kb / 1P
   High Voltage Si-Rectifiers
BY12 DIOTEC-BY12 Datasheet
45Kb / 1P
   High Voltage Si-Rectifiers
BY12 DIOTEC-BY12 Datasheet
98Kb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Shenzhen Taychipst Elec...
BY12 TAYCHIPST-BY12 Datasheet
1Mb / 2P
   High Voltage Silicon Rectifier Diodes
logo
Diotec Semiconductor
BY12 DIOTEC-BY12 Datasheet
109Kb / 2P
   High Voltage Silicon Rectifier Diodes
More results

유사한 설명 - BY1212D-1W

제조업체부품명데이터시트상세설명
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com