전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP1N105K3 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STP1N105K3
상세설명  N-channel 1050 V, 8 廓 typ., 1.4 A SuperMESH3??Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP1N105K3 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STP1N105K3 Datasheet HTML 7Page - STMicroelectronics STP1N105K3 Datasheet HTML 8Page - STMicroelectronics STP1N105K3 Datasheet HTML 9Page - STMicroelectronics STP1N105K3 Datasheet HTML 10Page - STMicroelectronics STP1N105K3 Datasheet HTML 11Page - STMicroelectronics STP1N105K3 Datasheet HTML 12Page - STMicroelectronics STP1N105K3 Datasheet HTML 13Page - STMicroelectronics STP1N105K3 Datasheet HTML 14Page - STMicroelectronics STP1N105K3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
STF1N105K3, STFW1N105K3, STP1N105K3
Package mechanical data
Doc ID 023509 Rev 2
11/18
Table 8.
TO-220FP mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.4
4.6
B2.5
2.7
D2.5
2.75
E
0.45
0.7
F0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2


유사한 부품 번호 - STP1N105K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP1N120 STMICROELECTRONICS-STP1N120 Datasheet
136Kb / 10P
   channel 1200V - 30廓 - 500mA - TO-220 Zener - protected SuperMESH??Power MOSFET
More results

유사한 설명 - STP1N105K3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com