전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H0503S-1W 데이터시트(PDF) 5 Page - MORNSUN Science& Technology Ltd.

부품명 H0503S-1W
상세설명  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0503S-1W 데이터시트(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  H0503S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. H0503S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
H_S-1W & G_S-1W
2013.05.21-B/3
Page 5 of 5
DESIGN CONSIDERATIONS
1) Requirement for output load
To ensure this module can operate efficiently and reliably, the minimum output load could not be less than 10% of the full load. If the actual output
power is very small, please connect a resistor to the output in parallel to increase the load.
2) Overload Protection
Under normal operating conditions, the output circuit of these products have not overload protection. The simplest method is to add a breaker
circuit in the circuit.
3) Recommended circuit
If you want to further decrease the input/output ripple, an capacitor filtering network may be connected to the input and output ends of the DC/DC
converter, refer to Figure 3.
It should also be noted that the capacitance of the capacitor must be proper. If the capacitance is too large, a startup problem might arise.For
ensuring every channel of output can provide a safe and reliable operation , the recommended capacitance of the capacitor refer to Table 1.
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
D ua l O u tp ut
L
S in g le O u tput
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 3)
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(
µF)
Single Vout
(VDC)
Cout
(
µF)
Dual Vout
(VDC)
Cout
(
µF)
5
4.7
3.3
10
--
--
5
4.7
5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
15
2.2
12
2.2
±12
2.2
24
1
15
1
±15
1
It
’s not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
4)
The input and the output of the product are recommended to be connected to ceramic capacitor or electrolytic capacitor. Using
tantalum capacitor may cause risk of failure.
5)
It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specifications.
2. Max. Capacitive Load is tested at nominal input voltage and full load.
3. Unless otherwise noted, All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform differently.Please contact our technical support for more detail.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


유사한 부품 번호 - H0503S-1W

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
H0503S-1WR2 MORNSUN-H0503S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0503S-1WR2 MORNSUN-H0503S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
H0503S-1W MORNSUN-H0503S-1W_15 Datasheet
1Mb / 5P
   FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
More results

유사한 설명 - H0503S-1W

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
A0503S-1WR3 MORNSUN-A0503S-1WR3 Datasheet
649Kb / 5P
   1W, Fixed input voltage, isolated & unregulated dual/single output
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
A0505XT-1WR3 MORNSUN-A0505XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT4-D10D3WR RSG-RT4-D10D3WR Datasheet
745Kb / 5P
   1W fixed input voltage isolated & unregulated dual output
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com