전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG24D 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 BYG24D
상세설명  Fast Avalanche SMD Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG24D 데이터시트(HTML) 2 Page - Vishay Siliconix

  BYG24D Datasheet HTML 1Page - Vishay Siliconix BYG24D Datasheet HTML 2Page - Vishay Siliconix BYG24D Datasheet HTML 3Page - Vishay Siliconix BYG24D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYG24D thru BYG24J
www.vishay.com
Vishay General Semiconductor
Revision: 21-Dec-11
2
Document Number: 88960
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Notes
(1) Mounted on epoxy-glass hard tissue 35 μm x 17 mm2 cooper area per electrode
(2) Mounted on epoxy-glass hard tissue 35 μm x 50 mm2 cooper area per electrode
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 2 - Reverse Current vs. Junction Temperature
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYG24D
BYG24G
BYG24J
UNIT
Minimum breakdown voltage
IR = 100 μA
VBR
200
400
600
V
Maximum instantaneous
forward voltage
IF = 1 A
TJ = 25 °C
VF (1)
1.15
V
IF = 1.5 A
1.25
Maximum reverse current
VR = VRRM
TJ = 25 °C
IR
1
µA
TJ = 100 °C
10
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
140
ns
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG24D
BYG24G
BYG24J
UNIT
Junction to case
RJC
25
°C/W
Maximum thermal resistance, junction to ambient
RJA (1)
150
°C/W
RJA (2)
125
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
BYG24D-E3/TR
0.064
TR
1800
7" diameter plastic tape and reel
BYG24D-E3/TR3
0.064
TR3
7500
13" diameter plastic tape and reel
BYG24DHE3/TR (1)
0.064
TR
1800
7" diameter plastic tape and reel
BYG24DHE3/TR3 (1)
0.064
TR3
7500
13" diameter plastic tape and reel
0
10
20
30
40
50
60
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM
P
R - Limit
at 100 % V
R
P
R - Limit
at 80 % V
R
125 K/W
155 K/W
175 K/W
RθJA =
1
10
100
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM


유사한 부품 번호 - BYG24D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG24D VISHAY-BYG24D Datasheet
68Kb / 3P
   Fast Avalanche SMD Rectifier
Rev. 1.2, 19-Oct-04
logo
EIC discrete Semiconduc...
BYG24D EIC-BYG24D Datasheet
133Kb / 2P
   FAST AVALANCHE RECTIFIERS
logo
Vishay Siliconix
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24D TAYCHIPST-BYG24D Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG24D SUNMATE-BYG24D Datasheet
373Kb / 2P
   FAST AVALANCHE RECTIFIERS DIODES
More results

유사한 설명 - BYG24D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
97Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24D TAYCHIPST-BYG24D Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K_V01 Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D_V01 Datasheet
99Kb / 4P
   Fast Avalanche SMD Rectifier
01-Jan-2022
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
BYG21K VISHAY-BYG21K_13 Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
BYG21M-E3-TR VISHAY-BYG21M-E3-TR Datasheet
92Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG24 VISHAY-BYG24 Datasheet
68Kb / 3P
   Fast Avalanche SMD Rectifier
Rev. 1.2, 19-Oct-04
BYG24D-E3 VISHAY-BYG24D-E3 Datasheet
90Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Aug-13
BYG21K-M3 VISHAY-BYG21K-M3 Datasheet
96Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 23-Feb-16
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com