전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB15-10B48LT 데이터시트(PDF) 1 Page - MORNSUN Science& Technology Ltd.

부품명 LB15-10B48LT
상세설명  AC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB15-10B48LT 데이터시트(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LB15-10B48LT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB15-10B48LT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AC/DC Converter
LB(05-25)-10BxxLT Series
2014.06.23-A/0
Page 1 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5-25W, AC/DC converter
FEATURES
Wide input voltage range :
85~264VAC/120~370VDC
Low temperature operating range of military grade:
-40~70℃
Conversion efficiency up to 87%
Short circuit , over-current, over- voltage protection
Meets
IEC60950, EN60950, UL60950 standards
Three years warranty
E235235
RoHS
LB(05-25)-10BxxLT series ----- is a compact size power converter offered by Mornsun. It features universal input voltage, taking both DC and
AC input voltage, low power consumption, high efficiency, high reliability, safer isolation. It offers good EMC performance, meets
IEC/EN61000-4, CISPR22/EN55022, UL60950, EN60950 standards, and is widely used in industrial, office and civil applications. For harsh EMC
environment, this series of product must use the refered application circuit.
Selection Guide
Certification
Part No.
Output Power
Nominal Output Voltage and
Current
(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive
Load(μF)
UL/CE
(pending)
LB05-10B03LT
4W
3.3V/1250mA
70
4000
LB05-10B05LT
5W
5V/1000mA
75
4000
LB05-10B09LT
9V/550mA
77
1800
LB05-10B12LT
12V/420mA
79
1800
LB05-10B15LT
15V/330mA
80
1500
LB05-10B24LT
24V/230mA
82
330
LB10-10B03LT
6.6W
3.3V/2000mA
70
26000
LB10-10B05LT
10W
5V/2000mA
76
9400
LB10-10B09LT
9V/1100mA
78
3600
LB10-10B12LT
12V/900mA
80
2400
LB10-10B15LT
15V/700mA
81
1200
LB10-10B24LT
24V/450mA
82
370
LB15-10B03LT
9.9W
3.3V/3000mA
73
36000
LB15-10B05LT
14W
5V/2800mA
76
20000
LB15-10B09LT
15W
9V/1600mA
78
6000
LB15-10B12LT
12V/1250mA
80
3000
LB15-10B15LT
15V/1000mA
80
3000
LB15-10B24LT
24V/625mA
84
900
LB15-10B48LT
48V/320mA
85
370
LB20-10B03LT
13.5W
3.3V/4100mA
74
48000
LB20-10B05LT
17.5W
5V/3500mA
78
12000
LB20-10B09LT
20W
9V/2100mA
80
7200
LB20-10B12LT
12V/1600mA
82
5400
LB20-10B15LT
15V/1300mA
83
2700
LB20-10B24LT
24V/850mA
85
1800
LB25-10B03LT
13.5W
3.3V/4100mA
74
48000
LB25-10B05LT
20.5W
5V/4100mA
79
12000
LB25-10B09LT
25W
9V/2500mA
81
5600
LB25-10B12LT
12V/2100mA
83
5400


유사한 부품 번호 - LB15-10B48LT

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LB15-10B03 MORNSUN-LB15-10B03 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB15-10B03 MORNSUN-LB15-10B03 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB15-10B05 MORNSUN-LB15-10B05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB15-10B05 MORNSUN-LB15-10B05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB15-10B12 MORNSUN-LB15-10B12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
More results

유사한 설명 - LB15-10B48LT

제조업체부품명데이터시트상세설명
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com