전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC121S101 데이터시트(PDF) 2 Page - Texas Instruments

부품명 DAC121S101
상세설명  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101 데이터시트(HTML) 2 Page - Texas Instruments

  DAC121S101_14 Datasheet HTML 1Page - Texas Instruments DAC121S101_14 Datasheet HTML 2Page - Texas Instruments DAC121S101_14 Datasheet HTML 3Page - Texas Instruments DAC121S101_14 Datasheet HTML 4Page - Texas Instruments DAC121S101_14 Datasheet HTML 5Page - Texas Instruments DAC121S101_14 Datasheet HTML 6Page - Texas Instruments DAC121S101_14 Datasheet HTML 7Page - Texas Instruments DAC121S101_14 Datasheet HTML 8Page - Texas Instruments DAC121S101_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
POWER-ON
RESET
DAC
REGISTER
INPUT
CONTROL
LOGIC
12-BIT DAC
12
12
POWER-DOWN
CONTROL
LOGIC
BUFFER
1k
100k
SCLK
DIN
SYNC
REF(+) REF(-)
VA
GND
DAC121S101
VOUT
SOT
DIN
SCLK
VA
GND
VOUT
1
2
3
6
5
4
SYNC
VSSOP
1
2
3
4
8
7
6
5
GND
DIN
SCLK
VA
NC
NC
VOUT
SYNC
DAC121S101
SNAS265H – JUNE 2005 – REVISED FEBRUARY 2010
www.ti.com
Pin Configuration
Block Diagram
Pin Functions
Pin Descriptions
SOT
VSSOP
(SOT-23)
Symbol
Description
Pin No.
Pin No.
1
4
VOUT
DAC Analog Output Voltage.
2
8
GND
Ground reference for all on-chip circuitry.
3
1
VA
Power supply and Reference input. Should be decoupled to GND.
Serial Data Input. Data is clocked into the 16-bit shift register on the falling edges of SCLK after
4
7
DIN
the fall of SYNC.
5
6
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edges of this pin.
Frame synchronization input for the data input. When this pin goes low, it enables the input shift
register and data is transferred on the falling edges of SCLK. The DAC is updated on the 16th
6
5
SYNC
clock cycle unless SYNC is brought high before the 16th clock, in which case the rising edge of
SYNC acts as an interrupt and the write sequence is ignored by the DAC.
2, 3
NC
No Connect. There is no internal connection to these pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Links: DAC121S101


유사한 부품 번호 - DAC121S101_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
More results

유사한 설명 - DAC121S101_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com