전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS01-15B05SS 데이터시트(PDF) 3 Page - MORNSUN Science& Technology Ltd.

부품명 LS01-15B05SS
상세설명  AC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS01-15B05SS 데이터시트(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LS01-15B05SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS01-15B05SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC/DC Converter
LS01-15BXXSS Series
2014.02.12-A/0
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
LS01-15B24SS
efficiency
LS01-15B12SS
efficiency
LS01-15B05SS
efficiency
60
62
64
66
68
70
72
74
76
78
80
85
110
120
220
230
240
264
Input Voltage(VAC)
LS01-15BXXSS AC Input
Efficiency Vs Input Voltage(Full Load)
120VAC Input
efficiency
240VAC Input
efficiency
30
35
40
45
50
55
60
65
70
75
80
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
LS01-15B12SS AC Input
Efficiency Vs Output Load
LS01-15B24SS
efficiency
LS01-15B12SS
efficiency
LS01-15B05SS
efficiency
55
60
65
70
75
80
85
70
100
150
200
250
300
350
400
Input Voltage(VDC)
LS01-15BXXSS DC Input
Efficiency Vs Input Voltage(Full Load)
200VDC Input
efficiency
300VDC Input
efficiency
30
35
40
45
50
55
60
65
70
75
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
LS01-15B12SS DC Input
Efficiency Vs Output Load
Design Reference
1. Typical application circuit
1
+Vo
-Vo
10
12
AC(L)
AC(N)
C1
+
5
3
MOV 1
7
ACDC
C2
C3 TVS
RL
+
L1
+
C4
L2
CY0
FUSE NTC
Fig. 1: Typical application circuit
Note: ①is Pi filter circuit.
Model
FUSE
(Required)
NTC
MOV1
C1
(Required)
L2
C2
(Required)
L1
(Required)
C3
(Required)
C4
CY0
TVS
LS01-15B05SS
1A/
250V
5D-9
S14K350
4.7μF/
400V
1mH
150μF/
35V
2.2
μH
68μF/35V
0.1μ
F/50
V
1nF/
400
VAC
SMBJ7.0A
LS01-15B09SS
SMBJ12A
LS01-15B12SS
100μF/
35V
SMBJ20A
LS01-15B15SS
LS01-15B24SS
SMBJ30A
Note:
1. C1,C2and C3 are electrolytic capacitors. They are required both AC input and DC input.
The value of C1 is recommended to be 4.7μF /400V . When the input voltage is above 370VDC, the recommended value of C1 is 4.7μF/450V).C2 and C3 are
output filer capacitors, they are recommended to be high frequency and low impedance electrolytic capacitors. Capacitance and rated ripple current of
capacitors refer to the datasheets provided by the manufactures. Voltage derating of capacitors should be 80% or above. C4 is a ceramic capacitor, which is
used to filter high frequency noise. C2,C3 and L1 form a pi-type filter circuit. Current of L1 and L2 refer to the datasheets provided by the manufactures, current
derating should be 80% or above. TVS is a recommended component to protect post-circuits (if converter fails).


유사한 부품 번호 - LS01-15B05SS

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LS01-15B05S MORNSUN-LS01-15B05S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
More results

유사한 설명 - LS01-15B05SS

제조업체부품명데이터시트상세설명
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com