전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC3484 데이터시트(PDF) 8 Page - Texas Instruments

부품명 DAC3484
상세설명  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484 데이터시트(HTML) 8 Page - Texas Instruments

Back Button DAC3484_14 Datasheet HTML 4Page - Texas Instruments DAC3484_14 Datasheet HTML 5Page - Texas Instruments DAC3484_14 Datasheet HTML 6Page - Texas Instruments DAC3484_14 Datasheet HTML 7Page - Texas Instruments DAC3484_14 Datasheet HTML 8Page - Texas Instruments DAC3484_14 Datasheet HTML 9Page - Texas Instruments DAC3484_14 Datasheet HTML 10Page - Texas Instruments DAC3484_14 Datasheet HTML 11Page - Texas Instruments DAC3484_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
DAC3484
SLAS749C – MARCH 2011 – REVISED AUGUST 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
A10, A13,
A14, B10,
B11, B12,
B13, C5, C6,
C7, C8, C9,
C10, C13,
D8, D13,
D14, E8,
E12, E13,
F6, F7, F8,
F9, F12, F13,
G6, G7, G8,
GND
G9, G13,
I
These pins are ground for all supplies.
G14, H6, H7,
H8, H9, H13,
H14, J6, J7,
J8, J9, J12,
J13, K8, K13,
L8, L13, L14,
M5, M6, M7,
M8, M9,
M10, M11,
M12, M13,
N13, P13,
P14
IOUTAP
B14
O
A-Channel DAC current output.
IOUTAN
C14
O
A-Channel DAC complementary current output.
IOUTBP
F14
O
B-Channel DAC current output.
IOUTBN
E14
O
B-Channel DAC complementary current output.
IOUTCP
J14
O
C-Channel DAC current output.
IOUTCN
K14
O
C-Channel DAC complementary current output.
IOUTDP
N14
O
D-Channel DAC current output.
IOUTDN
M14
O
D-Channel DAC complementary current output.
D5, D6, G5,
IOVDD
I
Supply voltage for all digital I/O. (3.3 V)
H5, L5, L6
LPF
D12
I
PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin can be left unconnected.
LVPECL output strobe positive input. This positive/negative pair is captured with the rising edge of
OSTRP
A9
I
DACCLKP/N. It is used for multiple DAC synchronization. If unused it can be left unconnected.
OSTRN
B9
I
LVPECL output strobe negative input. (See the OSTRP description)
Optional LVDS positive input parity bit. The PARITYP/N LVDS pair has an internal 100
Ω termination
PARITYP
N5
I
resistor. If unused it can be left unconnected.
PARITYN
P5
I
Optional LVDS negative input parity bit.
PLLAVDD
C11, D11
I
PLL analog supply voltage. (3.3 V)
SCLK
P9
I
Serial interface clock. Internal pull-down.
SDENB
P10
I
Active low serial data enable, always an input to the DAC3484. Internal pull-up.
SDIO
P11
I/O
Serial interface data. Bi-directional in 3-pin mode (default) and 4-pin mode. Internal pull-down.
Uni-directional serial interface data in 4-pin mode. The SDO pin is three-stated in 3-pin interface
SDO
P12
O
mode (default).
SLEEP
B8
I
Active high asynchronous hardware power-down input. Internal pull-down.
Optional LVDS SYNC positive input. The SYNCP/N LVDS pair has an internal 100
Ω termination
SYNCP
A5
I
resistor. If unused it can be left unconnected.
SYNCN
B5
I
LVDS SYNC negative input.
Active low input for chip RESET, which resets all the programming registers to their default state.
RESETB
N10
I
Internal pull-up.
8
Copyright © 2011–2012, Texas Instruments Incorporated


유사한 부품 번호 - DAC3484_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

유사한 설명 - DAC3484_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com