전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5688 데이터시트(PDF) 7 Page - Texas Instruments

부품명 DAC5688
상세설명  DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5688 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DAC5688_14 Datasheet HTML 3Page - Texas Instruments DAC5688_14 Datasheet HTML 4Page - Texas Instruments DAC5688_14 Datasheet HTML 5Page - Texas Instruments DAC5688_14 Datasheet HTML 6Page - Texas Instruments DAC5688_14 Datasheet HTML 7Page - Texas Instruments DAC5688_14 Datasheet HTML 8Page - Texas Instruments DAC5688_14 Datasheet HTML 9Page - Texas Instruments DAC5688_14 Datasheet HTML 10Page - Texas Instruments DAC5688_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
CLK 2
1
0.55
2f
-
DAC5688
www.ti.com
SLLS880C – DECEMBER 2007 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS (DIGITAL SPECIFICATIONS)
Over recommended operating free-air temperature range, AVDD, IOVDD = 3.3V, DVDD, CLKVDD = 1.8V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CMOS INTERFACE: SDO, SDIO, SCLK, SDENB, RESETB, DA[15:0], DB[15:0], SYNC, TXENABLE, CLKO_CLK1, LOCK_CLK1C
CONFIG26 io_1p8_3p3 = 0 (3.3V levels)
2.30
VIH
High-level input voltage
V
CONFIG26 io_1p8_3p3 = 1 (1.8V levels)
1.25
CONFIG26 io_1p8_3p3 = 0 (3.3V levels)
1.00
VIL
Low-level input voltage
V
CONFIG26 io_1p8_3p3 = 1 (1.8V levels)
0.54
IIH
High-level input current
±20
mA
IIL
Low-level input current
±20
mA
CI
CMOS Input capacitance
2
pF
SDO, SDIO
ILOAD = –100 mA
IOVDD
– 0.2
VOH
V
SDO, SDIO
ILOAD = –2 mA
0.8 ×
IOVDD
SDO, SDIO
ILOAD = 100 mA
0.2
VOL
V
SDO, SDIO
ILOAD = 2 mA
0.5
Input data rate
0
250
MSPS
ts(SDENB)
Setup time, SDENB to rising edge of SCLK
20
ns
ts(SDIO)
Setup time, SDIO valid to rising edge of SCLK
10
ns
th(SDIO)
Hold time, SDIO valid to rising edge of SCLK
5
ns
tSCLK
Period of SCLK
100
ns
tSCLKH
High time of SCLK
40
ns
tSCLK
Low time of SCLK
40
ns
td(Data)
Data output delay after falling edge of SCLK
10
ns
tRESET
Minimum RESETB pulse width
25
ns
TIMING PARALLEL DATA INPUT: (DUAL CLOCK and DUAL SYNCHRONOUS CLOCK MODES: Figure 32)
ts
Setup time
1
ns
CLK1/C = input
th
Hold time
1
ns
Max timing offset between CLK1 and CLK2
DUAL SYNCHRONOUS BUS MODE only
t_align
ns
rising edges
(Typical characteristic)
TIMING PARALLEL DATA INPUT (EXTERNAL CLOCK MODE: Figure 33 and PLL CLOCK MODE: Figure 34)
ts
Setup time
1
ns
CLKO_CLK1 = input or output. Note: Delay
th
Hold time
time increases with higher capacitive
1
ns
loads.
td(CLKO)
Delay time
4.5
ns
CLOCK INPUT (CLK2/CLK2C)
CLK2/C Duty cycle
40%
60%
CLK2/C Differential voltage(1)
0.4
1
V
CLK2/C Input common mode
2/3 ×
V
CLKVDD
CLK2C Input Frequency
800
MHz
CLOCK INPUT (CLK1/CLK1C)
CLK1/C Duty cycle
40%
60%
CLK1/C Differential voltage
0.4
1.0
V
CLK1/C Input common mode
IOVDD
V
/2
CLK1/C Input Frequency
250
MHz
CLOCK OUTPUT (CLKO)
CLKO Output Frequency(2)
with 3pF load
160
MHz
(1)
Driving the clock input with a differential voltage lower than 1V will result in degraded performance.
(2)
Specified by design and simulation. Not production tested. It is recommended to buffer CLKO.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DAC5688


유사한 부품 번호 - DAC5688_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
More results

유사한 설명 - DAC5688_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688_10 Datasheet
1Mb / 55P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x-8x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI-DAC5688 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 800 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC5687 TI-DAC5687 Datasheet
2Mb / 72P
[Old version datasheet]   16-BIT, 500 MSPS 2x-8x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC3282 TI-DAC3282_15 Datasheet
1Mb / 65P
[Old version datasheet]   DAC3282 16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com