전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA200PW 데이터시트(PDF) 1 Page - MORNSUN Science& Technology Ltd.

부품명 TA200PW
상세설명  Isolated Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TA200PW 데이터시트(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TA200PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TA200PW Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Isolated Transmitter
TAxxxPW series
2014.02.18-A/2
Page 1 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Programmable analog isolators with isolated power
output
FEATURES
l
3-port electrical isolation between input, output
and power supply
l
12.5mm slim case
l
High accuracy (0.1% F.S.)
l
High linearity (0.1% F.S.)
l
Low temperature drift(50PPM/°C)
l
Low-power dissipation
l
Excellent EMC performance
l
Mini USB port communication
l
Input / Output range programmable
l
High reliability(MTBF>500,000 hours)
AxxxPW series analog isolator and isolator with isolation power output which are mainly applied in industrial automation systems can
isolated convert analog input signal of the industrial field instruments to the matched analog output signal for the DCS/PLC, realizing the
acquisition and transmission of field signal. An independent power supply is needed for the product and the port of power supply, input
and output are isolated from each other. This series of products contain combinations of 1 input 1 output, 1 input 2 output, 2 input 2 output
and so on. The thickness of 12.5mm meet the need for high density field installation.
Selection Guide
Transformation types
1 input 1 output
2 input 2 output
1 input 2 output
Current input, Current output (Isolator)
TA100PW
TA200PW
TA600PW
Current input, Voltage output (Isolator)
TA120PW
TA220PW
TA620PW
Voltage input, Voltage output (Isolator)
TA130PW
TA230PW
TA630PW
Voltage input, Current output (Isolator)
TA140PW
TA240PW
TA640PW
Current input, Current output
(Isolators with isolated power output)
TA105PW
TA205PW
TA605PW
Current input, Voltage output
(Isolators with isolated power output)
TA125PW
TA225PW
TA625PW
Inputsignal
--
Input type
Inputsignal
Current input
4~20mA / 0~20mA(Programmable)
Voltage input
0~5V/ 0~10V / 1~5V/ 2~10V(Programmable)
Outputsignal
--
Output type
Output signal
Current output
4~20mA / 0~20mA(Programmable)
Voltage output
0~5V/ 0~10V / 1~5V/ 2~10V(Programmable)
Note:1. Customers need to choose the type of the input signal, output signal and range. We could also offer customer design for special input and output;
2. You can get the USB Adapter T-01 for the isolator from MORNSUN free of charge if you need.
Input Specifications
Item
Operating Conditions
Value
Power input parameters
Input voltage
18~30VDC(Typical values 24VDC)
Power dissipation (isolators)
1 input 1output≤0.9W
1 input 2 output, 2 input 2 output≤1.2W
Power dissipation
(isolators with isolated power output)
1 input 1output≤1.5W
1 input 2 output, 2 input 2 output≤2.5W
Power protection
Reverse polarity protection, over-voltage protection
Field Area
Input impedance
25Ω(Input current signal)
500KΩ(Input voltage signal)
Isolation power output
No-load 24VDC±10%, 20mA output ≥ 20VDC
Distribution output protection
Short-circuit protection


유사한 부품 번호 - TA200PW

제조업체부품명데이터시트상세설명
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
Bothhand USA, LP.
TA200-10A BOTHHAND-TA200-10A Datasheet
250Kb / 1P
   10 BASE-T ETHERNET ISO TRANSFORMER
TA200-12A BOTHHAND-TA200-12A Datasheet
250Kb / 1P
   10 BASE-T ETHERNET ISO TRANSFORMER
TA200-25B BOTHHAND-TA200-25B Datasheet
281Kb / 1P
   10 BASE-T NETWORK COMPONENTS
TA200-25B BOTHHAND-TA200-25B Datasheet
52Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results

유사한 설명 - TA200PW

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
T1130DS MORNSUN-T1130DS Datasheet
341Kb / 4P
   Isolated Transmitter
TM1130P MORNSUN-TM1130P Datasheet
312Kb / 3P
   Isolated Transmitter
T6S60L-6.25 MORNSUN-T6S60L-6.25 Datasheet
325Kb / 3P
   Isolated Transmitter
T5130AP MORNSUN-T5130AP Datasheet
196Kb / 3P
   Isolated Transmitter
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
   Isolated Transmitter
T1130P MORNSUN-T1130P Datasheet
226Kb / 4P
   Isolated Transmitter
TS13AD-2 MORNSUN-TS13AD-2 Datasheet
208Kb / 3P
   Isolated Transmitter
TM2130AP MORNSUN-TM2130AP Datasheet
320Kb / 3P
   Isolated Transmitter
TF5134N MORNSUN-TF5134N Datasheet
179Kb / 4P
   Isolated Transmitter
logo
Texas Instruments
UC1726 TI1-UC1726_12 Datasheet
350Kb / 7P
[Old version datasheet]   Isolated Drive Transmitter
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com