전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAZ16 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 SMAZ16
상세설명  1.0W SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ16 데이터시트(HTML) 4 Page - Diodes Incorporated

  SMAZ16 Datasheet HTML 1Page - Diodes Incorporated SMAZ16 Datasheet HTML 2Page - Diodes Incorporated SMAZ16 Datasheet HTML 3Page - Diodes Incorporated SMAZ16 Datasheet HTML 4Page - Diodes Incorporated SMAZ16 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMAZ5V1 - SMAZ39
Document number: DS18015 Rev. 16 - 2
4 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMAZ5V1 - SMAZ39
Package Outline Dimensions
Suggested Pad Layout
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.05
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
Dimensions
Value (in mm)
Z
6.5
G
1.5
X
1.7
Y
2.5
C
4.0
A
B
C
D
G
H
E
J


유사한 부품 번호 - SMAZ16

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAZ16 DIODES-SMAZ16 Datasheet
60Kb / 3P
   1.0A SURFACE MOUNT ZENER DIODE
DS18015 Rev. 9 - 2
SMAZ16 DIODES-SMAZ16 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ16 DIODES-SMAZ16 Datasheet
369Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Vishay Siliconix
SMAZ16 VISHAY-SMAZ16 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ16 DIODES-SMAZ16 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results

유사한 설명 - SMAZ16

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZM4728A DIODES-ZM4728A Datasheet
64Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
DS18009 Rev. 3 - 3
SMAZ5V1 DIODES-SMAZ5V1_15 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com