전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC1F1504 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 LC1F1504
상세설명  TeSys??IEC-Style Contactors and Starters
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F1504 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LC1F1504 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 5Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 6Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 7Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 8Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 9Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 10Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 11Page - List of Unclassifed Manufacturers LC1F1504 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 252 page
background image
TeSys™ IEC-Style Contactors and Starters Selection Guide
Technical Information: Product Approvals
© 2001-2004 Schneider Electric All Rights Reserved
8
01/04
LD1LD
X
X
XXX
XXXX
LD4LC
XXXXX
XXXXXXXX
X
LD4LD
X
X
X
X
XXXXXXXX
LD5LB
X
X
O
X
O
O
X
O
LD5LC
X
X
X
XXXXX
X
LD5LD
X
X
X
X
X
X
X
LE1D
X
X
X
LN1D
X
X
X
X
LP1D
XXXXX
XXX
O
X
X
LP1K
X
X
X
OOOO
OO
LP2D
XX
XXX
O
O
X
LP2K
X
X
X
OOOO
OO
LP4D
X
X
X
X
X
O
O
LP4K
X
X
X
X
OOOO
OO
LP5D
XX
XX
O
O
LP5K
X
X
X
OOOO
OO
LR1F
XX
XXXXX
XX
LR2D
XXXXX
XXX
O
O
XX
LR2F
XX
XXX
O
O
XX
LR2K
X
X
OOOO
OO
LR9F
X
X
LS1D
X
LT2S
X
X
X
LT7F
X
X
X
LT8
X
X
X
RE1LA, RE1LC
X
X
X
RE4, RE5
X
X
X
RH•
X
XXX
X
RM1XA
X
RM3
X
X
X
RS1, RS2
RTV74, RTV84
O
O
RXN, RUW
O
O
O
TSX 07
X
X
O
TSX 1710/20
X
XXXX
XX
K1, K2
X
X
X
X
X
X
XA2B, BV, BW
X
X
XACA (small hoist)
X
X
X
X
X
X
X
XACA (all applications)
+
X
X
+
X
X
X
XACB
X
X
XACM
X
XALB, XALJ, XALN
+
X
X
+
X
X
XAPA
+
X
X
X
X
XAPM
+
X
+
X
X
X
X
XASE, XASP
X
Existing and Pending Approval of Automation System Components (except control and signalling units)
Standard Version
X: Approved
O: Approval pending
Special Version
+: Approved
Ø: Approval pending
Approvals
Marine Classification Authorities
Quality Labels
ASE
CSA
DEMKO
FI
NEMKO
UL
BV
DNV
GL
LROS
NKK
RINA
RRS
KEMA
NF
ÖVE
SEMKO
Switzer
land
Canada Denmark
Finland Norway
U.S.A.
France Norway Germany
Great
Britain
Japan
Italy
CIS
Nether
lands
France
Austria
Sweden


유사한 부품 번호 - LC1F1504

제조업체부품명데이터시트상세설명
logo
Schneider Electric
LC1F1504BD SCHNEIDER-LC1F1504BD Datasheet
148Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 250 A - coil 24 V DC
LC1F1504U7 SCHNEIDER-LC1F1504U7 Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 250 A - coil 240 V AC
More results

유사한 설명 - LC1F1504

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Telecommunication Elec...
LAD8N20 TELTRON-LAD8N20 Datasheet
372Kb / 12P
   TeSys contactors
logo
List of Unclassifed Man...
V201K4CJ ETC2-V201K4CJ Datasheet
425Kb / 10P
   Vacuum Contactors & Starters
logo
Schneider Electric
LAD311 SCHNEIDER-LAD311 Datasheet
95Kb / 2P
   MOUNTING BRACKET, IEC CONTACTORS
Jun 7, 2022
logo
List of Unclassifed Man...
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
logo
Schneider Electric
9999SA2 SCHNEIDER-9999SA2 Datasheet
120Kb / 2P
   Start Stop push button kit, NEMA 1, Type S contactors and starters
May 19, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com