전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBURT0230LL-HF 데이터시트(PDF) 2 Page - Comchip Technology

부품명 CDBURT0230LL-HF
상세설명  Low Profile SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBURT0230LL-HF 데이터시트(HTML) 2 Page - Comchip Technology

  CDBURT0230LL-HF Datasheet HTML 1Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 2Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 3Page - Comchip Technology CDBURT0230LL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
VZ, (V)
Fig.3 - VZ characteristic
Reverse voltage,VR (V)
0.2
0.0
0.0 01
0.4
0.3
0.1
Forward voltage, VF (mV)
Fig. 1 - Forward current vs.
RATING AND CHARACTERISTIC CURVES (CDBURT0230LL-HF)
Fig.4 - Current derating curve
QW-G1110
Comchip Technology CO., LTD.
REV:A
Low Profile SMD Schottky Barrier Diode
0.0 10
0.1 00
1.0 00
10.0 00
100.0 00
1000.0 00
O
Ta=25 C
O
Ta=125 C
Pulse test
1.0
10.0
100.0
1000.0
10000
1000000
Fig. 2 - Reverse current vs.
Reverse voltage
Forward voltage
O
Ta=50 C
O
Ta=100 C
O
Ta=75 C
100000
O
125 C
O
50 C
O
75 C
O
100 C
O
25 C
0
10
20
0
10
30
Reverse voltage, VR (V)
Fig.3 - Capacitance between
terminals characteristics
f = 1 MHz
Ta = 25 C
20
30
40
50
60
70
0
20
40
0
200
60
400
600
1000
800
O
125 C
O
50 C
O
75 C
O
25 C
O
100 C
O
Ambient temperature, ( C)
0
20
40
60
80
100
0
25
50
75
100
125
150
15
0
10
5
20
25
30
35


유사한 부품 번호 - CDBURT0230LL-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
More results

유사한 설명 - CDBURT0230LL-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBURT0230L-HF COMCHIP-CDBURT0230L-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230R-HF COMCHIP-CDBURT0230R-HF Datasheet
129Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0230LL-HF COMCHIP-CDBURT0230LL-HF Datasheet
126Kb / 4P
   Low Profile SMD Schottky Barrier Diode
CDBURT0530LL-HF COMCHIP-CDBURT0530LL-HF Datasheet
125Kb / 4P
   Low Profile SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com