전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3122D2 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TPA3122D2
상세설명  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3122D2 데이터시트(HTML) 4 Page - Texas Instruments

  TPA3122D2_14 Datasheet HTML 1Page - Texas Instruments TPA3122D2_14 Datasheet HTML 2Page - Texas Instruments TPA3122D2_14 Datasheet HTML 3Page - Texas Instruments TPA3122D2_14 Datasheet HTML 4Page - Texas Instruments TPA3122D2_14 Datasheet HTML 5Page - Texas Instruments TPA3122D2_14 Datasheet HTML 6Page - Texas Instruments TPA3122D2_14 Datasheet HTML 7Page - Texas Instruments TPA3122D2_14 Datasheet HTML 8Page - Texas Instruments TPA3122D2_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
DC CHARACTERISTICS
AC CHARACTERISTICS
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
TA = 25°C, VCC = 24 V, RL = 4Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage
| VOS |
VI = 0 V, AV = 36 dB
7.5
50
mV
(measured differentially)
V(BYPASS)
Bypass output voltage
No load
AVCC/8
V
ICC(q)
Quiescent supply current
SD = 2 V, MUTE = 0 V, No load
23
37
mA
ICC(q)
Quiescent supply current in mute mode
MUTE = 2 V, No load
23
mA
ICC(q)
Quiescent supply current in shutdown
1
SD = 0.8 V , No load
0.39
mA
mode
rDS(on)
Drain-source on-state resistance
200
m
Gain0 = 0.8 V
18
20
22
Gain1 = 0.8 V
Gain0 = 2 V
24
26
28
G
Gain
dB
Gain0 = 0.8 V
30
32
34
Gain1 = 2 V
Gain0 = 2 V
34
36
38
Mute Attenuation
VI = 1Vrms
–82
TA = 25°C, VCC = 24V, RL = 4Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 12 V, Vripple = 200 mVPP
100 Hz
–30
dB
KSVR
Supply ripple rejection
Gain = 20 dB
1 kHz
-48
dB
VCC = 12 V, RL = 4 Ω, f = 1 kHz
4
Output Power at 1% THD+N
VCC = 24 V, RL = 8 Ω, f = 1 kHz
8
PO
W
VCC = 12 V, RL = 4 Ω, f = 1 kHz
5
Output Power at 10%
THD+N
VCC = 24 V, RL = 8 Ω, f = 1 kHz
10
RL = 4 Ω, f = 1 kHz, PO = 1 W
0.1%
Total harmonic distortion +
THD+N
noise
RL = 8 Ω, f = 1 kHz, PO = 1 W
0.06%
85
µV
Vn
Output integrated noise floor
20 Hz to 22 kHz, A-weighted filter, Gain = 20 dB
–80
dB
Crosstalk
PO = 1 W, f = 1kHz; Gain = 20 dB
–60
dB
SNR
Signal-to-noise ratio
Max Output at THD+N < 1%, f = 1 kHz, Gain = 20 dB
99
dB
Thermal trip point
150
°C
Thermal hysteresis
30
°C
fOSC
Oscillator frequency
10 V
≤ VCC
230
250
270
kHz
mute delay
time from mute input switches high until outputs muted
120
msec
Δt
unmute delay
time from mute input switches low until outputs unmuted
120
msec
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TPA3122D2


유사한 부품 번호 - TPA3122D2_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3122D2_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2 Datasheet
416Kb / 20P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com