전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD2E2U06 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TPD2E2U06
상세설명  Dual-Channel High-Speed ESD Protection Device
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E2U06 데이터시트(HTML) 1 Page - Texas Instruments

  TPD2E2U06_14 Datasheet HTML 1Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 2Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 3Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 4Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 5Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 6Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 7Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 8Page - Texas Instruments TPD2E2U06_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NC
IO1
IO2
NC
1
2
3
5
4
GND
TPD2E2U06
www.ti.com
SLLSEG9A – JUNE 2013 – REVISED JUNE 2013
Dual-Channel High-Speed ESD Protection Device
Check for Samples: TPD2E2U06
1
FEATURES
DESCRIPTION
The
TPD2E2U06
is
a
dual-channel
ultra-low
2
Provides System-Level ESD Protection for
capacitance ESD-protection device. The device offers
Low-Voltage IO Interface
±25-KV IEC contact and ±30-KV IEC air-gap ESD
IEC 61000-4-2 Level 4
protection.
The
1.5-pF
line
capacitance
of
the
±25 kV (contact discharge)
TPD2E2U06 makes the device suitable for a wide
range of applications. Typical application interfaces
±30 kV (air-gap discharge)
are USB 2.0, LVDS, and I2C™.
IO Capacitance 1.5 pF (Typ)
DC Breakdown Voltage 6.5 V (Min)
DRL
Ultra-Low Leakage Current 10 nA (Max)
1.65 mm × 1.2 mm × 0.6 mm
(0.5-mm PITCH)
Low ESD Clamping Voltage
Industrial Temperature Range: –40°C to
+125°C
Small Easy-to-Route DRL Package
APPLICATIONS
Gaming Machines
eBook
Portable Media Players
Digital Camera
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NXP Semiconductors.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - TPD2E2U06_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
More results

유사한 설명 - TPD2E2U06_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com