전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N138 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 6N138
상세설명  Low Input Current, High Gain Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N138 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  6N138 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N138 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
 High current transfer ratio – 2000% typical (4500 %
typical for HCNW139/138)
 Low input current requirements – 0.5 mA
 TTL compatible output – 0.1V V
OL typical
 Performance guaranteed over temperature 0°C
to 70°C
 Base access allows gain bandwidth adjustment
 High output current – 60 mA
 Safetyapproval
UL recognized – 3750 V rms for 1 minute and 5000 V
rms* for 1 minute per UL 1577
CSA approved
IEC/EN/DIN EN 60747-5-2 approved with VIORM = 1414
Vpeak for HCNW139 and HCNW138
 Available in 8-Pin DIP or SOIC-8 footprint or widebody
package
 MIL-PRF-38534 hermetic version available
(HCPL-5700/1)
Applications
 Ground isolate most logic families – TTL/TTL, CMOS/
TTL, CMOS/CMOS, LSTTL/TTL, CMOS/LSTTL
 Low input current line receiver
 High voltage insulation (HCNW139/138)
 EIA RS-232C line receiver
 Telephone ring detector
 117 V ac line voltage status indicator – low input
power dissipation
 Low power systems – ground isolation
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
*5000 V rms/1 minute rating is for HCNW139/138 and Option 020
(6N139/138) products only.
A 0.1 μF bypass capacitor connected between pins 8 and 5 is
recommended.
6N139, 6N138, HCPL-0701, HCPL-0700,
HCNW138, HCNW139
Low Input Current, High Gain Optocouplers
Data Sheet
Description
These high gain series couplers use a Light Emitting
Diode and an integrated high gain photodetector to
provide extremely high current transfer ratio between
input and output. Separate pins for the photodiode
and output stage result in TTL compatible saturation
voltages and high speed operation. Where desired the
VCC and VO terminals may be tied together to achieve
conventional photodarlington operation. A base
access terminal allows a gain bandwidth adjustment to
be made.
The 6N139, HCPL-0701, and CNW139 are for use in CMOS,
LSTTL or other low power applications. A 400% mini-
mum current transfer ratio is guaranteed over 0 to 70°C
operating range for only 0.5 mA of LED current.
The 6N138, HCPL-0700, and HCNW138 are designed for
use mainly in TTL applications. Current Transfer Ratio
(CTR) is 300% minimum over 0 to 70°C for an LED current
of 1.6 mA (1 TTL Unit load ). A 300% minimum CTR
enables operation with 1 TTL Load using a 2.2 kΩ
pull-up resistor.
Functional Diagram
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
VO
GND
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
VB


유사한 부품 번호 - 6N138

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
6N138 TOSHIBA-6N138 Datasheet
202Kb / 6P
   GaA?밃s Ired & Photo IC Current Loop Driver.
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
More results

유사한 설명 - 6N138

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com