전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2743 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM2743
상세설명  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2743 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM2743_14 Datasheet HTML 2Page - Texas Instruments LM2743_14 Datasheet HTML 3Page - Texas Instruments LM2743_14 Datasheet HTML 4Page - Texas Instruments LM2743_14 Datasheet HTML 5Page - Texas Instruments LM2743_14 Datasheet HTML 6Page - Texas Instruments LM2743_14 Datasheet HTML 7Page - Texas Instruments LM2743_14 Datasheet HTML 8Page - Texas Instruments LM2743_14 Datasheet HTML 9Page - Texas Instruments LM2743_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
9.3
9.4
9.5
9.6
9.7
9.8
9.9
10
TEMPERATURE (
oC)
-40 -25 -10 5
80 95 110 125
20 35 50 65
5.9
6
6.1
6.2
6.3
6.4
6.5
6.6
6.7
0.05
0.25
0.45
0.65
0.85
FREQUENCY (MHz)
1.05
0
6
13
19
25
20
30
40
50
60
70
80
90
100
VIN = 12V
VIN = 5V
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
OUTPUT CURRENT (A)
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
OUTPUT CURRENT (A)
20
30
40
50
60
70
80
90
100
VIN = 3.3V
VIN = 12V
VIN = 5V
20
30
40
50
60
70
80
90
100
VIN = 3.3V
VIN = 12V
VIN = 5V
0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
OUTPUT CURRENT (A)
LM2743
SNVS276F – MAY 2004 – REVISED JANUARY 2012
www.ti.com
Typical Performance Characteristics
Efficiency (VOUT = 1.2V)
Efficiency (VOUT = 2.5V)
VCC = 3.3V, fSW = 300 kHz
VCC = 3.3V, fSW = 300 kHz
VCC Operating Current plus BOOT Current
vs
Efficiency (VOUT = 3.3V)
Frequency
VCC = 5V, fSW = 300 kHz
FDS6898A FET (TA = 25°C)
BOOT Pin Current
BOOT Pin Current
vs
vs
Temperature for
Temperature for
BOOT Voltage = 3.3V
BOOT Voltage = 5V
fSW = 300 kHz, FDS6898A FET, No-Load
fSW = 300 kHz, FDS6898A FET, No-Load
6
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2743


유사한 부품 번호 - LM2743_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

유사한 설명 - LM2743_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com