전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3100MH 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM3100MH
상세설명  SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3100MH 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3100MH Datasheet HTML 2Page - Texas Instruments LM3100MH Datasheet HTML 3Page - Texas Instruments LM3100MH Datasheet HTML 4Page - Texas Instruments LM3100MH Datasheet HTML 5Page - Texas Instruments LM3100MH Datasheet HTML 6Page - Texas Instruments LM3100MH Datasheet HTML 7Page - Texas Instruments LM3100MH Datasheet HTML 8Page - Texas Instruments LM3100MH Datasheet HTML 9Page - Texas Instruments LM3100MH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0
0.3
0.6
0.9
1.2
1.5
-3
-2
-1
0
1
2
3
LOAD CURRENT (A)
VIN = 4.5V
VIN = 12V
VIN = 24V
VOUT = 0.8V
RON = 30 k:
L = 6.8 PH
0
0.3
0.6
0.9
1.2
1.5
-3
-2
-1
0
1
2
3
LOAD CURRENT (A)
VIN = 8V
VIN = 18V
VIN = 36V
VOUT = 3.3V
0
0.3
0.6
0.9
1.2
1.5
40
50
60
70
80
90
100
LOAD CURRENT (A)
VIN = 4.5V
VIN = 12V
VIN = 24V
VOUT = 0.8V
RON = 30 k:
L = 6.8 PH
-50
-20
10
40
70
100
130
TEMPERATURE (ºC)
Main MOSFET
Syn. MOSFET
0
0.1
0.2
0.3
0.4
0
0.3
0.6
0.9
1.2
1.5
40
50
60
70
80
90
100
LOAD CURRENT (A)
VIN = 8V
VIN = 18V
VIN = 36V
LM3100
SNVS421F – JANUARY 2006 – REVISED DECEMBER 2009
www.ti.com
Typical Performance Characteristics (continued)
All curves taken at VIN = 18V with configuration in typical application circuit for VOUT = 3.3V shown in this datasheet. TA =
25°C, unless otherwise specified.
Efficiency
RDS(ON)
vs
vs
Load Current
Temperature
(VOUT = 3.3V)
VOUT Regulation
Efficiency
vs
vs
Load Current
Load Current
(VOUT = 3.3V)
(VOUT = 0.8V)
VOUT Regulation
vs
Load Current
Power Up
(VOUT = 0.8V)
(VOUT = 3.3V, 1.5A Loaded)
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: LM3100


유사한 부품 번호 - LM3100MH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3100MH NSC-LM3100MH Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MH NSC-LM3100MH Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MHX NSC-LM3100MHX Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100MHX NSC-LM3100MHX Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
More results

유사한 설명 - LM3100MH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com