전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N08DPB821K 데이터시트(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

부품명 N08DPB821K
상세설명  SMD INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

N08DPB821K 데이터시트(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  N08DPB821K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc N08DPB821K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc N08DPB821K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc N08DPB821K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc N08DPB821K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc N08DPB821K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
用途 APPLICATIONS
形名表記法 ORDERING CODE
特長 FEATURES
368
NP
7
6
5
3
2
1
4
06
D Z
ZZ
B101K
03
タイプ 04 タイプ
05
タイプ
06
タイプ
08
タイプ
A
BB
3.0max.
BB
BB
6.0max.
B
1.8max.
2.0max.
2.8max.
3.2max.
5.0max.
Y
省スペース及び低背化
Y
大電流対応
Y
SMT
対応
Y
Small surface area and low profile.
Y
Designed for high current applications where a surface mount component
is required.
Y
Available in embossed tape and reel.
SMD
インダクタ
SMD INDUCTORS
Y
HDD
、デジタルビデオカメラ、ノート型パソコンなど各種機器の
電源回路、DC / DCコンバータ等
OPERATING TEMP
03, 04, 05, 06
タイプ K25VJ105C (製品自己発熱を含む)
08
タイプ
K
25VJ85C
f
Including self-generated heatg
Y
Power supply circuits/DC-DC converters in a variety of applications where
compact size is vital, such as digital camcorders, HDD, notebook PCs, etc.
NQ
チョークコイル f 非シールドタイプ g
N P
チョークコイル f シールドタイプ g
1
形式
D P
ドラム形 f 台座付き g
D Z
ドラム形 f 台座なし g
SQ, SZ
ドラム応用形
形状
7
3
当社管理記号
03
3.8
04
4.7
05
5.6
06
6.8
08
9.0
2
コア寸法 hmmi
QW
スペース
高さ寸法 hmmi
4
1R0
1.0
100
10
102
1000
公称インダクタンス hAHi
5
インダクタンス許容差
6
J
M
5L
K
M
10L
M
M
20L
N
M
30L
QQ
標準品
QW
スペース
FR=
小数点
QW
スペース
03 type
04 type
05 type
06 type
08 type
A
BB
3.0max.
BB
BB
6.0max.
B
1.8max.
2.0max.
2.8max.
3.2max.
5.0max.
NQ
Choke coil (non-shielded type)
N P
Choke coil (shielded type)
1
Type
D P
Drum type (With base)
D Z
Drum type (Without base)
SQ, SZ
Applied drum type
Shape
7
3
Internal code
03
3.8
04
4.7
05
5.6
06
6.8
08
9.0
2
Core dimensionhmmi
QW
Blank space
Heighthmmi
4
example
1R0
1.0
100
10
102
1000
Nominal inductancehAHi
5
Inductance tolerance
6
J
M
5L
K
M
10L
M
M
20L
N
M
30L
QQ
Standard product
QW
Blank space
FR=Decimal point
QW
Blank space


유사한 부품 번호 - N08DPB821K

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
N080-101 TRIPPLITE-N080-101 Datasheet
154Kb / 2P
   1-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-102 TRIPPLITE-N080-102 Datasheet
155Kb / 2P
   2-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-103 TRIPPLITE-N080-103 Datasheet
155Kb / 2P
   3-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-104 TRIPPLITE-N080-104 Datasheet
155Kb / 2P
   4-Port Single-Gang Universal Keystone Wallplate, White, TAA
N080-106 TRIPPLITE-N080-106 Datasheet
156Kb / 2P
   6-Port Single-Gang Universal Keystone Wallplate, White, TAA
More results

유사한 설명 - N08DPB821K

제조업체부품명데이터시트상세설명
logo
XFMRS Inc.
XFHCL6MD-1R1M XFMRS-XFHCL6MD-1R1M Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M Datasheet
65Kb / 1P
   SMD INDUCTORS
logo
Micro Electronics
SMI-90 MICRO-ELECTRONICS-SMI-90 Datasheet
504Kb / 2P
   SMD INDUCTORS
logo
XFMRS Inc.
XFHCL6MD-2R0M XFMRS-XFHCL6MD-2R0M_15 Datasheet
65Kb / 1P
   SMD INDUCTORS
XFHCL6MD-2R2M XFMRS-XFHCL6MD-2R2M Datasheet
45Kb / 1P
   SMD INDUCTORS
logo
TDK Electronics
VLF302510MT-1R0N TDK-VLF302510MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
VLF302512MT-1R0N TDK-VLF302512MT-1R0N Datasheet
73Kb / 3P
   SMD Inductors
logo
Micro Electronics
SMI-40 MICRO-ELECTRONICS-SMI-40 Datasheet
586Kb / 2P
   SMD INDUCTORS
SMI-60 MICRO-ELECTRONICS-SMI-60 Datasheet
501Kb / 2P
   SMD INDUCTORS
logo
TDK Electronics
MLF1005LR10KT TDK-MLF1005LR10KT Datasheet
71Kb / 3P
   SMD Inductors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com