전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1206R104KNT 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 U1206R104KNT
상세설명  Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

U1206R104KNT 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button U1206R104KNT Datasheet HTML 4Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 5Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 6Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 7Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 8Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 9Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 10Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 11Page - List of Unclassifed Manufacturers U1206R104KNT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Nickel Barrier
Multilayer Ceramic Capacitors
Page 8
27/04/06 V1.0
Precaution For Handling
The multi-layer ceramic chip capacitors, may fall in a short circuit mode or in an open-circuit mode when subjected to severe
conditions of electrical, environmental and/or mechanical stress beyond the specified “Ratings” and specified “Condition” in the
Catalog and the Specifications, resulting in burnout, flaming or glowing in the worst case. So some common sense of application by
customer is necessary. Here the following article are some key points that need to take attention in application for customer reference
only:
Operating Conditions and Circuit Design
Operating temperature range
The specified “Operating Temperature Range” in the catalog is absolute maximum and minimum temperature rating. So in any case,
each the Capacitor shall be operated within the specified “Operating Temperature Range”.
Design of Voltage applications
The capacitors shall not be operated exceeding the specified “Rated Voltage” in the catalog. If voltage ratings are exceeded the
Capacitors could result in failure of damage. In case of application of DC and AC voltage to the capacitors, the designed peak voltage
shall be within the specified “Rated Voltage”.
Charging and Discharging Current
The capacitors shall not be operated beyond the specified “Maximum Charging / Discharging Current Rated” in the specification,
Application to a low impedance circuit such as a “secondary power circuit” are not recommended for safety.
Temperature Rise by Dielectric Loss of the capacitor
The “Operating Temperature Range” mentioned above shall include a maximum surface temperature rise of 20°C, which is caused by
the Dielectric loss of the Capacitor and applied electrical stress (such as voltage, frequency and wave form etc.)
It is recommended to measure and check “Surface temperature of the Capacitor” in your equipment at your estimated / designed
maximum ambient temperature.
Restriction on Environmental Conditions
The Capacitors shall not be operated and / or stored under following environmental conditions:
(a) To be exposed directly to water or salt water.
(b) To be exposed directly to sunlight.
(c) Under conditions of dew formation.
(d) Under conditions of corrosive atmosphere such as hydrogen sulfas, sulphurous acid, chlorine, or ammonia etc.
(e) Under severe condition of vibrations or shock beyond the specified conditions in the Specifications.
Secular change in Capacitance
(1) Peculiar characteristics of “Secular Changes in Capacitance” are observed in the Capacitors (Class 2 High Dielectric Constant
Temperature Characteristics “X7R” and “Y5V”. The “secular change” shall be considered in your circuit design.
(2) The Capacitance change, due to the individual characteristics of ceramic dielectric materials applied, can be recovered to the
each initial values at shipping by a heat treatment (140 to 150°C for 1 hour).
Design of Printed Circuit Board
Selection of Printed Circuit Boards
When the Capacitors are mounted and soldered on an “Aluminium’s Substrate has influences on Capacitor’s reliability against
“Temperatures Cycles” and “Heat shock” because of difference of thermal expansion dose not deterioration the characteristics of the
Capacitors.
There are some thermal expansion factor for different kink of PC board material as follows
PC Board Material
Thermal Expansion Factor (mm/°C)
Glass Epoxy
1.4 x 10-5
Paper Phenol
2.2 x 10-5
Composite
Alumina
6.5 x 10-6


유사한 부품 번호 - U1206R104KNT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
U1206R220BCT ETC2-U1206R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220BCT ETC2-U1206R220BCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220CCT ETC2-U1206R220CCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220DCT ETC2-U1206R220DCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
U1206R220FCT ETC2-U1206R220FCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
More results

유사한 설명 - U1206R104KNT

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
   MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
   Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
   Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
   Multilayer Ceramic Capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
   MULTILAYER CERAMIC CAPACITORS
Jul. 2023
logo
EPCOS
B37872U5222S011 EPCOS-B37872U5222S011_09 Datasheet
693Kb / 14P
   Multilayer ceramic capacitors
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com