전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25011 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25011
상세설명  42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25011 데이터시트(HTML) 1 Page - Texas Instruments

  LM25011 Datasheet HTML 1Page - Texas Instruments LM25011 Datasheet HTML 2Page - Texas Instruments LM25011 Datasheet HTML 3Page - Texas Instruments LM25011 Datasheet HTML 4Page - Texas Instruments LM25011 Datasheet HTML 5Page - Texas Instruments LM25011 Datasheet HTML 6Page - Texas Instruments LM25011 Datasheet HTML 7Page - Texas Instruments LM25011 Datasheet HTML 8Page - Texas Instruments LM25011 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM25011, LM25011-Q1
www.ti.com
SNVS617F – MAY 2009 – REVISED JANUARY 2011
LM25011, LM25011Q, LM25011A, LM25011AQ
42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
Check for Samples: LM25011, LM25011-Q1
1
FEATURES
2
LM25011Q is an Automotive Grade product
COT topology features:
that is AEC-Q100 grade 1 qualified (-40°C to
Switching frequency remains nearly
+125°C operating junction temperature)
constant with load current and input
LM25011A allows low dropout operation at
voltage variations
high switching frequency
Ultra-fast transient response
Input operating voltage range: 6V to 42V
No loop compensation required
Absolute maximum input rating: 45V
Stable operation with ceramic output
Integrated 2A N-Channel Buck Switch
capacitors
Adjustable current limit allows for smaller
Allows for smaller output capacitor and
inductor
current sense resistor
Adjustable output voltage from 2.51V
Adjustable Soft-Start timing
Minimum ripple voltage at VOUT
Thermal shutdown
Power Good output
Precision 2% feedback reference
Switching frequency adjustable to 2 MHz
Package
MSOP-10EP
DESCRIPTION
The LM25011 Constant On-time Step-Down Switching Regulator features all the functions needed to implement
a low cost, efficient, buck bias regulator capable of supplying up to 2A of load current. This high voltage regulator
contains an N-Channel Buck switch, a startup regulator, current limit detection, and internal ripple control. The
constant on-time regulation principle requires no loop compensation, results in fast load transient response, and
simplifies circuit implementation. The operating frequency remains constant with line and load. The adjustable
valley current limit detection results in a smooth transition from constant voltage to constant current mode when
current limit is reached, without the use of current limit foldback. The PGD output indicates the output voltage
has increased to within 5% of the expected regulation value. Additional features include: Low output ripple, VIN
under-voltage lock-out, adjustable soft-start timing, thermal shutdown, gate drive pre-charge, gate drive under-
voltage lock-out, and maximum duty cycle limit.
The LM25011A has a shorter minimum off-time than the LM25011, which allows for higher frequency operation
at low input voltages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM25011

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011 TI-LM25011 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI-LM25011 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011-Q1 TI-LM25011-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011-Q1 TI-LM25011-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

유사한 설명 - LM25011

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com