전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM26400Y 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM26400Y
상세설명  Dual 2A, 500kHz Wide Input Range Buck Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM26400Y 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM26400Y_14 Datasheet HTML 7Page - Texas Instruments LM26400Y_14 Datasheet HTML 8Page - Texas Instruments LM26400Y_14 Datasheet HTML 9Page - Texas Instruments LM26400Y_14 Datasheet HTML 10Page - Texas Instruments LM26400Y_14 Datasheet HTML 11Page - Texas Instruments LM26400Y_14 Datasheet HTML 12Page - Texas Instruments LM26400Y_14 Datasheet HTML 13Page - Texas Instruments LM26400Y_14 Datasheet HTML 14Page - Texas Instruments LM26400Y_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LM26400Y
www.ti.com
SNVS457B – FEBRUARY 2007 – REVISED AUGUST 2007
Application Hints
GENERAL
The LM26400Y is a dual PWM peak-current mode buck regulator with two integrated power MOSFET switches.
The part is designed to be easy to use. The two regulators are mostly identical and share the same input voltage
and the same reference voltage (0.6V). The two PWM clocks are of the same frequency but 180° out of phase.
The two channels can have different soft-start ramp slopes and can be turned on and off independently.
Loop compensation is built in. The feedback loop design is optimized for ceramic output capacitors.
Since the power switches are built in, the achievable output current level also has to do with thermal environment
of the specific application. The LM26400Y enters thermal shutdown when the junction temperature exceeds
165°C or so.
START-UP AND SHUTDOWN
During a soft-start, the ramp of the output voltage is proportional to the ramp of the SS pin. When the EN pin is
pulled high, an internal 16µA current source starts to charge the corresponding SS pin. The capacitance between
the SS pin and ground determines how fast the SS voltage ramps up. The non-inverting input of the
transconductance error amplifier, i.e. the moving reference during soft-start, will be the lower of SS voltage and
the 0.6V reference (VREF). So before SS reaches 0.6V, the reference to the error amplifier will be the SS voltage.
When SS exceeds 0.6V, the non-inverting input of the transconductance amplifier will be a constant 0.6V and
that will be the time soft-start ends. The SS voltage will continue to ramp all the way up to the internal 2.7V
supply voltage before leveling off.
To calculate the needed SS capacitance for a given soft-start duration, use the following equation.
(1)
ISS is SS pin charging current, typically 16µA. VREF is the internal reference voltage, typically 0.6V. tSS is the
desired soft-start duration. For example, if 1ms is the desired soft-start time, then the nominal SS capacitance
should be 25nF. Apply tolerances if necessary. Use the VFB entry in the Electrical Characteristic table for the
VREF tolerance.
Inductor current during soft-start can be calculated by the following equation.
(2)
VOUT is the target output voltage, IOUT is the load current during start-up, and COUT is the output capacitance. For
example, if the output capacitor is 10µF, output voltage is 2.5V, soft-start capacitor is 10nF and there is no load,
then the average inductor current during soft-start will be 62.5mA.
When EN pin is pulled below 0.4V or so, the 16µA current source will stop charging the SS pin. The SS pin will
be discharged through a 330
Ω internal FET to ground. During this time, the internal power switch will remain
turned off while the output is discharged by the load.
If EN is again pulled high before SS and output voltage are completely discharged, soft-start will begin with a
non-zero reference and the level of the soft-start reference will be the lower of SS voltage and 0.6V.
When the output is pre-biased, the LM26400Y can usually start up successfully if there is at least a 2-Volt
difference between the input voltage and the pre-bias. An output pre-bias condition refers to the case when the
output is sitting at a non-zero voltage at the beginning of a start-up. The key to a successful start-up under such
a situation is enough initial voltage across the bootstrap capacitor. When an output pre-bias condition is
anticipated, the power supply designer should check the start-up behavior under the highest potential pre-bias.
A pre-bias condition caused by a glitch in the enable signal after start-up or by an input brown-out condition
normally is not an issue because the bootstrap capacitor holds its charge much longer than the output
capacitor(s).
Due to the frequency foldback mechanism, the switching frequency during start-up will be lower than the normal
value before VFB reaches 0.35V or so. See Frequency Foldback plot in the Typical Performance Characteristics
section.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM26400Y


유사한 부품 번호 - LM26400Y_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM26400Y TI-LM26400Y_15 Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
More results

유사한 설명 - LM26400Y_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM26400Y_0708 NSC-LM26400Y_0708 Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Sipex Corporation
SP7651 SIPEX-SP7651 Datasheet
117Kb / 12P
   Wide Input Voltage Range 3A, 900kHz, Buck Regulator
SP7655 SIPEX-SP7655 Datasheet
121Kb / 12P
   Wide Input Voltage Range 8A, 300kHz, Buck Regulator
SP7661 SIPEX-SP7661_07 Datasheet
1Mb / 20P
   Wide Input Voltage Range 3A, 600kHz, Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com