전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ34002 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ34002
상세설명  Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34002 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LMZ34002 Datasheet HTML 4Page - Texas Instruments LMZ34002 Datasheet HTML 5Page - Texas Instruments LMZ34002 Datasheet HTML 6Page - Texas Instruments LMZ34002 Datasheet HTML 7Page - Texas Instruments LMZ34002 Datasheet HTML 8Page - Texas Instruments LMZ34002 Datasheet HTML 9Page - Texas Instruments LMZ34002 Datasheet HTML 10Page - Texas Instruments LMZ34002 Datasheet HTML 11Page - Texas Instruments LMZ34002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Bill of Material
www.ti.com
9
Bill of Material
Table 2. LMZ34002 EVM Bill of Material
Qty
RefDes
Value
Description
Size
Part Number
Mfr
2
C1, C2
4.7uF
Capacitor, Ceramic, 50V, X7R, 20%
1210
GRM32ER71H475K
Murata
1
C3
2.2uF
Capacitor, Ceramic, 100V, X7R, 10%
1210
GRF32ER72A225K
Murata
0
C4
Do Not Load
0603
1
C5
22uF
Capacitor, Electrolytic, 100V
8 x 3.5 (mm)
EEU-FC2A220
Panasonic
4
C6, C7,
22uF
Capacitor, Ceramic, 25V, X5R, 20%
1210
GRM32ER61E226K
Murata
C8, C9
0
C10
Do Not Load
8 x 3.5 (mm)
0
J1, J2
Do Not Load
1
J3
PEC04DAAN
Header, Male 2x4-pin, 100mil spacing
2 X 4 100mil
PEC04DAAN
Sullins
1
R1
36.5k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R2
88.7k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R3
21.5k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R4
30.1k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R5
1.15k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R6
174k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R7
63.4k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
R8
0
Resistor, Chip, 1/16W, 1%
0603
Std
Std
2
TB1, TB2
ED120/2DS
Terminal Block, 2-pin, 15-A, 5.1mm
0.40 x 0.35 inch
ED120/2DS
OST
1
TP1
5010
Test Point, Red, Thru Hole
0.125 x 0.125 inch
5010
Keystone
1
TP2
5014
Test Point, Yellow, Thru Hole
0.125 x 0.125 inch
5014
Keystone
5
TP3-6,9
5011
Test Point, Black, Thru Hole
0.125 x 0.125 inch
5011
Keystone
2
TP7,8
5012
Test Point, White, Thru Hole
0.125 x 0.125 inch
5012
Keystone
0
TP10
Do Not Load
1
U1**
LMZ34002RKG
IC, 5-36V Input, 2A, Buck-Boost, Power
QFN
LMZ34002RKG
TI
Module
1
U2
DCX144EH-7
Trans, Prebias, NPN/PNP
SOT-563
DCX144EH-7
Diodes
1
--
PCB, LMZ34002 Sample Eval Bd
2 x 4 x 0.062 inch
074-01047
Any
1
929950-00
Shunt, Black
100-mil
929950-00
3M
1
EVM Plastic Base, 2 x 4 inch
076-00447
TI
4
4-40 x 1/4 Stainless Steel Panhead
4-40 x 1/4 inch
Std
Std
Screw
4
SJ-5003
BUMPON HEMISPHERE .44X.20
SJ-5003
3M
BLACK
8
Using the LMZ34002: Negative Output Voltage Simple Switcher® Power
SNVU297 – JULY 2013
Module Evaluation Module
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


유사한 부품 번호 - LMZ34002

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
More results

유사한 설명 - LMZ34002

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
logo
National Semiconductor ...
LMZ14201H NSC-LMZ14201H Datasheet
564Kb / 20P
   1A SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ14201H_1106 NSC-LMZ14201H_1106 Datasheet
564Kb / 20P
   1A SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ14203H_1106 NSC-LMZ14203H_1106 Datasheet
632Kb / 20P
   3A SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ14203 NSC-LMZ14203_2 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
logo
Texas Instruments
LMZ14201H TI-LMZ14201H_13 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14201H 1A SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ14202H TI-LMZ14202H Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ34002 TI-LMZ34002_15 Datasheet
1Mb / 33P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com