전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD4S1394 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD4S1394
상세설명  ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S1394 데이터시트(HTML) 2 Page - Texas Instruments

  TPD4S1394 Datasheet HTML 1Page - Texas Instruments TPD4S1394 Datasheet HTML 2Page - Texas Instruments TPD4S1394 Datasheet HTML 3Page - Texas Instruments TPD4S1394 Datasheet HTML 4Page - Texas Instruments TPD4S1394 Datasheet HTML 5Page - Texas Instruments TPD4S1394 Datasheet HTML 6Page - Texas Instruments TPD4S1394 Datasheet HTML 7Page - Texas Instruments TPD4S1394 Datasheet HTML 8Page - Texas Instruments TPD4S1394 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
V
CC
GND
V
CMLP
FWPWR_EN
D2+
D2
D1+
D1
Reference
Generator
V
REF
TPD4S1394
SLVSA55A – NOVEMBER 2009 – REVISED MARCH 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
PIN NO.
NAME
1
VCC
Power
Power supply
2
GND
GND
Ground
3
VCLMP
O
Comparator trip reference
4
FWPWR_EN
O
Control output
5, 6,
D2+, D2–,
I
High-speed ESD clamp inputs
7, 8
D1+, D1–
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
VIO
IO voltage range at D+, D–, VCLMP
0
4
V
FWPWR_E
Switch output
–0.5
4.6
V
N
Tstg
Storage temperature range
–65
150
°C
TA
Operating free-air temperature range
–40
85
°C
IEC 61000-4-2 Contact Discharge
D+, D– pins
±6
kV
HBM ESD
D+, D– pins
±15
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3.0
3.6
V
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPD4S1394


유사한 부품 번호 - TPD4S1394

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4S1394 TI1-TPD4S1394 Datasheet
534Kb / 10P
[Old version datasheet]   FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
TPD4S1394DQLR TI1-TPD4S1394DQLR Datasheet
534Kb / 10P
[Old version datasheet]   FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
More results

유사한 설명 - TPD4S1394

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD4S1394 TI1-TPD4S1394 Datasheet
534Kb / 10P
[Old version datasheet]   FIREWIRE ESD CLAMP WITH LIVE-INSERTION DETECTION CIRCUIT
logo
NXP Semiconductors
CBT6800 PHILIPS-CBT6800 Datasheet
75Kb / 8P
   10-bit bus switch with precharged outputs for live insertion
1999 Oct 28
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
   5V high-speed universal PLD device with live insertion capability
1999 Oct 27
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
   ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
Texas Instruments
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
logo
Pericom Semiconductor C...
PI3C16215 PERICOM-PI3C16215 Datasheet
357Kb / 4P
   3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com