전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD12S016 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPD12S016
상세설명  HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPD12S016 Datasheet HTML 5Page - Texas Instruments TPD12S016 Datasheet HTML 6Page - Texas Instruments TPD12S016 Datasheet HTML 7Page - Texas Instruments TPD12S016 Datasheet HTML 8Page - Texas Instruments TPD12S016 Datasheet HTML 9Page - Texas Instruments TPD12S016 Datasheet HTML 10Page - Texas Instruments TPD12S016 Datasheet HTML 11Page - Texas Instruments TPD12S016 Datasheet HTML 12Page - Texas Instruments TPD12S016 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TPD12S016
www.ti.com
SLLSE96D – SEPTEMBER 2011 – REVISED DECEMBER 2012
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Bus Load Capacitance (B Side)
750
CL
pF
Bus Load Capacitance (A Side)
15
Voltage Level Shifter – SCL, SDA Lines (x_A and x_B ports) VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
A to B
SCL/SDA Channels Enabled
310
tPHL
Propagation delay
nS
B to A
SCL/SDA Channels Enabled
420
A to B
SCL/SDA Channels Enabled
510
tPLH
Propagation delay
nS
B to A
SCL/SDA Channels Enabled
427
A Port fall time
A-Port
SCL/SDA Channels Enabled
334
tFALL
nS
B Port fall time
B-Port
SCL/SDA Channels Enabled
225
A Port rise time
A-Port
SCL/SDA Channels Enabled
315
tRISE
nS
B Port rise time
B-Port
SCL/SDA Channels Enabled
415
F(MAX)
Maximum switching frequency
SCL/SDA Channels Enabled
400
kHz
Voltage Level Shifter – CEC Lines (x_A and x_B ports) VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
A to B
CEC Channel Enabled
385
tPHL
Propagation delay
nS
B to A
CEC Channel Enabled
526
A to B
CEC Channel Enabled
13.8
µS
tPLH
Propagation delay
B to A
CEC Channel Enabled
16.6
nS
A Port fall time
A-Port
CEC Channel Enabled
334
tFALL
nS
B Port fall time
B-Port
CEC Channel Enabled
170
A Port rise time
A-Port
CEC Channel Enabled
315
nS
tRISE
B Port rise time
B-Port
CEC Channel Enabled
28
µS
Voltage Level Shifter – HPD Lines (x_A and x_B ports) VCCA = 1.2 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
tPHL
Propagation delay
B to A
HPD Channel Enabled
14.4
µS
tPLH
Propagation delay
B to A
HPD Channel Enabled
9.2
µS
tFALL
A Port fall time
A-Port
HPD Channel Enabled
2.1
nS
tRISE
A Port rise time
A-Port
HPD Channel Enabled
2.1
nS
Voltage Level Shifter – SCL, SDA Lines (x_A and x_B ports) VCCA = 1.5 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX UNIT
A to B
SCL/SDA Channels Enabled
310
nS
tPHL
Propagation delay
B to A
SCL/SDA Channels Enabled
420
nS
A to B
SCL/SDA Channels Enabled
410
nS
tPLH
Propagation delay
B to A
SCL/SDA Channels Enabled
425
nS
A Port fall time
A-Port
SCL/SDA Channels Enabled
250
nS
tFALL
B Port fall time
B-Port
SCL/SDA Channels Enabled
225
nS
A Port rise time
A-Port
SCL/SDA Channels Enabled
315
nS
tRISE
B Port fall time
B-Port
SCL/SDA Channels Enabled
415
nS
Maximum switching
F(MAX)
SCL/SDA Channels Enabled
400
kHz
frequency
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :TPD12S016


유사한 부품 번호 - TPD12S016

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

유사한 설명 - TPD12S016

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com