전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-AL63 데이터시트(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-AL63
상세설명  Viewing Angle: 30째x70째 and 40째x100째
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AL63 데이터시트(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AL63 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL63 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 5. Representative Radiation pattern for 30°x70° Lamp -Major Axis
Figure 2. Forward current vs. forward voltage
Figure 4. Maximum forward current vs. ambient temperature
Figure 3. Relative luminous intensity vs. forward current
0
10
20
30
40
50
60
0
0.5
1
1.5
2
2.5
3
FORWARD VOLTAGE - V
AMBER
RED-ORANGE
RED
0
0.5
1
1.5
2
2.5
0
1020
3040
50
DC FORWARD CURRENT - mA
0
5
10
15
20
25
30
35
40
45
50
55
0
20
40
60
80
100
120
TA - AMBIENT TEMPERATURE - ºC
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 7. Representative Radiation pattern for 40°x100° Lamp -Major Axis
Figure 6. Representative Radiation pattern 30°x70° Lamp -Minor Axis
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES


유사한 부품 번호 - HLMP-AL63

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AL63-UX0DD AVAGO-HLMP-AL63-UX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AL63-X10DD AVAGO-HLMP-AL63-X10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
More results

유사한 설명 - HLMP-AL63

제조업체부품명데이터시트상세설명
logo
Elite Enterprises (H.K....
PG1N-RX10 ELITE-PG1N-RX10 Datasheet
311Kb / 3P
   10째 viewing angle
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
   Wide viewing angle
Rev. 1.2, 06-Jun-14
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
   Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
   Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
   Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
   Wide viewing angle
APTB1612LQBDCGKC KINGBRIGHT-APTB1612LQBDCGKC Datasheet
311Kb / 6P
   Wide viewing angle
APB3227SEKCGKC KINGBRIGHT-APB3227SEKCGKC Datasheet
277Kb / 6P
   Wide viewing angle
APTB1612CGKQWDF KINGBRIGHT-APTB1612CGKQWDF Datasheet
293Kb / 8P
   Wide viewing angle
APTB1612LSURKCGKC KINGBRIGHT-APTB1612LSURKCGKC Datasheet
290Kb / 6P
   Wide viewing angle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com