전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2651 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM2651
상세설명  1.5A High Efficiency Synchronous Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM2651_14 Datasheet HTML 4Page - Texas Instruments LM2651_14 Datasheet HTML 5Page - Texas Instruments LM2651_14 Datasheet HTML 6Page - Texas Instruments LM2651_14 Datasheet HTML 7Page - Texas Instruments LM2651_14 Datasheet HTML 8Page - Texas Instruments LM2651_14 Datasheet HTML 9Page - Texas Instruments LM2651_14 Datasheet HTML 10Page - Texas Instruments LM2651_14 Datasheet HTML 11Page - Texas Instruments LM2651_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LM2651
SNVS032C – MAY 2004 – REVISED APRIL 2005
www.ti.com
All Output Voltage Versions
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over full operating junction
temperature range. VIN =10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical
Limit
Units
IQ
Quiescent Current
1.6
mA
2.0
mA(max)
IQSD
Quiescent Current in Shutdown
Shutdown Pin Pulled Low
7
µA
Mode
12/20
µA(max)
RSW(ON)
High-Side or Low-Side Switch
ISWITCH = 1A
110
m
Ω
On Resistance (MOSFET On
Resistance + Bonding Wire
Resistance)
RDS(ON)
MOSFET On Resistance (High-
ISWITCH = 1A
75
m
Ω
Side or Low-Side)
130
m
Ω(max)
IL
Switch Leakage Current - High
130
nA
Side
Switch Leakage Current - Low
130
nA
Side
VBOOT
Bootstrap Regulator Voltage
IBOOT = 1 mA
6.75
V
6.45/6.40
V(min)
6.95/7.00
V(max)
GM
Error Amplifier
1250
µmho
Transconductance
VINUV
VIN Undervoltage Lockout
Rising Edge
3.8
3.95
V
Threshold Voltage
V(max)
VUV-HYST
Hysteresis for the Undervoltage
210
mV
Lockout
ICL
Switch Current Limit
VIN = 5V
2
A
1.55
A(min)
2.60
A(max)
ISM
Sleep Mode Threshold Current
VIN = 5V
100
mA
AV
Error Amplifier Voltage Gain
100
V/V
IEA_SOURCE
Error Amplifier Source Current
40
µA
25/15
µA(min)
IEA_SINK
Error Amplifier Sink Current
65
µA
30
µA(min)
VEAH
Error Amplifier Output Swing
2.70
V
Upper Limit
2.50/2.40
V(min)
VEAL
Error Amplifier Output Swing
1.25
V
Lower Limit
1.35/1.50
V(max)
VD
Body Diode Voltage
IDIODE = 1.5A
1
V
fOSC
Oscillator Frequency
VIN = 4V
300
kHz
280/255
kHz(min)
330/345
kHz(max)
DMAX
Maximum Duty Cycle
VIN = 4V
95
%
92
%(min)
ISS
Soft-Start Current
Voltage at the SS pin = 1.4V
11
µA
7
µA(min)
14
µA(max)
ISHUTDOWN
Shutdown Pin Current
Shutdown Pin Pulled Low
2.2
µA
0.8/0.5
µA(min)
3.7/4.0
µA(max)
vSHUTDOWN
Shutdown Pin Threshold Voltage
Falling Edge
0.6
V
0.3
V(min)
0.9
V(max)
TSD
Thermal Shutdown Temperature
165
°C
TSD_HYST
Thermal Shutdown Hysteresis
25
°C
Temperature
8
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2651


유사한 부품 번호 - LM2651_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
More results

유사한 설명 - LM2651_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com