전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3103 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM3103
상세설명  SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 데이터시트(HTML) 4 Page - Texas Instruments

  LM3103_14 Datasheet HTML 1Page - Texas Instruments LM3103_14 Datasheet HTML 2Page - Texas Instruments LM3103_14 Datasheet HTML 3Page - Texas Instruments LM3103_14 Datasheet HTML 4Page - Texas Instruments LM3103_14 Datasheet HTML 5Page - Texas Instruments LM3103_14 Datasheet HTML 6Page - Texas Instruments LM3103_14 Datasheet HTML 7Page - Texas Instruments LM3103_14 Datasheet HTML 8Page - Texas Instruments LM3103_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM3103
SNVS523E – SEPTEMBER 2007 – REVISED NOVEMBER 2009
www.ti.com
Electrical Characteristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 18V, VOUT = 3.3V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, VCC
VCC
VCC output voltage
CVCC = 1 µF, no load
5.6
6.0
6.2
V
VIN - VCC
VIN - VCC dropout voltage
(1)
ICC = 2mA
55
150
mV
ICC = 10mA
235
500
VCC-UVLO
VCC under-voltage lockout threshold
VIN increasing
3.5
3.7
4.1
V
(UVLO)
VCC-UVLO-HYS
VCC UVLO hysteresis
VIN decreasing
275
mV
IIN
IIN operating current
No switching, VFB = 1V
1.0
1.25
mA
IIN-SD
IIN operating current, Device shutdown
VEN = 0V
20
40
µA
IVCC
VCC current limit
VCC = 0V
20
33
42
mA
Switching Characteristics
RDS-UP-ON
Main MOSFET RDS(on)
0.370
0.7
RDS- DN-ON
Syn. MOSFET RDS(on)
0.220
0.4
Soft-start
ISS
SS pin source current
VSS = 0V
45
70
95
µA
Current Limit
ICL
Syn. MOSFET current limit threshold
0.9
A
ON/OFF Timer
ton
ON timer pulse width
VIN = 10V, RON = 33 kΩ
0.350
µs
VIN = 18V, RON = 33 kΩ
0.170
ton-MIN
ON timer minimum pulse width
100
ns
toff
OFF timer pulse width
240
ns
Enable Input
VEN
EN Pin input threshold
VEN rising
1.6
1.85
V
VEN-HYS
Enable threshold hysteresis
VEN falling
230
mV
IEN
Enable Pull-up Current
VEN = 0V
1
µA
Regulation and Over-Voltage Comparator
VFB
In-regulation feedback voltage
TJ = −40°C to +125°C
0.588
0.6
0.612
V
VFB-OV
Feedback over-voltage threshold
0.655
0.680
0.705
V
IFB
1
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
TJ rising
165
°C
TSD-HYS
Thermal shutdown temperature
TJ falling
20
°C
hysteresis
(1)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM3103


유사한 부품 번호 - LM3103_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3103MH NSC-LM3103MH Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MH/NOPB TI1-LM3103MH/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103MHX NSC-LM3103MHX Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MHX/NOPB TI1-LM3103MHX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results

유사한 설명 - LM3103_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com