전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM21212-2 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM21212-2
상세설명  12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM21212-2 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM21212-2 Datasheet HTML 7Page - Texas Instruments LM21212-2 Datasheet HTML 8Page - Texas Instruments LM21212-2 Datasheet HTML 9Page - Texas Instruments LM21212-2 Datasheet HTML 10Page - Texas Instruments LM21212-2 Datasheet HTML 11Page - Texas Instruments LM21212-2 Datasheet HTML 12Page - Texas Instruments LM21212-2 Datasheet HTML 13Page - Texas Instruments LM21212-2 Datasheet HTML 14Page - Texas Instruments LM21212-2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SHORT-CIRCUIT
Iclf
Iclr
VSS
VFB
VOUT
VSW
IL
CURRENT LIMIT
SHORT-CIRCUIT
REMOVED
100 mV
LM21212-2
www.ti.com
SNVS715A – MARCH 2011 – REVISED MARCH 2013
Figure 23. Current Limit Conditions
THERMAL PROTECTION
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 165°C, the LM21212-2 tri-states the power FETs
and resets soft start. After the junction cools to approximately 155°C, the device starts up using the normal start
up routine. This feature is provided to prevent catastrophic failures from accidental device overheating. Note that
thermal limit will not stop the die from operating above the specified operating maximum temperature,125°C. The
die should be kept under 125°C to ensure correct operation.
POWERGOOD FLAG
The PGOOD pin provides the user with a way to monitor the status of the LM21212-2. In order to use the
PGOOD pin, the application must provide a pull-up resistor to a desired DC voltage (i.e. Vin). PGOOD will
respond to a fault condition by pulling the PGOOD pin low with the open-drain output. PGOOD will pull low on
the following conditions – 1) VFB moves above or below the VOVP or VUVP, respectively 2) The enable pin is
brought below the enable threshold 3) The device enters a pre-biased output condition (VFB>VSS).
Figure 24 shows the conditions that will cause PGOOD to fall.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM21212-2


유사한 부품 번호 - LM21212-2

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM21212-2 NSC-LM21212-2 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
Texas Instruments
LM21212-2 TI-LM21212-2 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
More results

유사한 설명 - LM21212-2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com