전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34914 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM34914
상세설명  Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM34914 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM34914 Datasheet HTML 2Page - Texas Instruments LM34914 Datasheet HTML 3Page - Texas Instruments LM34914 Datasheet HTML 4Page - Texas Instruments LM34914 Datasheet HTML 5Page - Texas Instruments LM34914 Datasheet HTML 6Page - Texas Instruments LM34914 Datasheet HTML 7Page - Texas Instruments LM34914 Datasheet HTML 8Page - Texas Instruments LM34914 Datasheet HTML 9Page - Texas Instruments LM34914 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
FB
SW
RTN
BST
SS
C3
LM34914
SD
+
-
SGND
ISEN
Input
GND
RON/SD
+
-
ON TIMER
LOGIC
FINISH
START
Driver
FB
8V - 40V
2.5V
2.9V
0.8V
C4
L1
D1
R1
R3
R2
C2
C5
C1
C6
RON
CURRENT LIMIT
COMPARATOR
OVER-VOLTAGE
COMPARATOR
REGULATION
COMPARATOR
VIN
VCC
VOUT
VIN
VIN
RSENSE
12.5 PA
41 m:
RON
THERMAL
SHUTDOWN
7V START-UP
REGULATOR
LEVEL
SHIFT
Gate Drive
UVLO
VCC
UVLO
CL
Threshold
Adjust
MINIMUM
OFF TIMER
START
FINISH
' Ton
LM34914
SNVS453A – MAY 2007 – REVISED DECEMBER 2007
www.ti.com
Typical Performance Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C
Typical Application Circuit and Block Diagram
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LM34914


유사한 부품 번호 - LM34914

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI-LM34914 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914SD NSC-LM34914SD	 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914SD/NOPB TI-LM34914SD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914SDX NSC-LM34914SDX Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
More results

유사한 설명 - LM34914

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
   Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
   1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
[Old version datasheet]   High Voltage (50V, 1.25A) Step Down Switching Regulator
logo
National Semiconductor ...
LM34910C NSC-LM34910C Datasheet
270Kb / 12P
   High Voltage (50V, 1.25A) Step Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com