전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2981 데이터시트(PDF) 1 Page - NEC

부품명 2SK2981
상세설명  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

2SK2981 데이터시트(HTML) 1 Page - NEC

  2SK2981 Datasheet HTML 1Page - NEC 2SK2981 Datasheet HTML 2Page - NEC 2SK2981 Datasheet HTML 3Page - NEC 2SK2981 Datasheet HTML 4Page - NEC 2SK2981 Datasheet HTML 5Page - NEC 2SK2981 Datasheet HTML 6Page - NEC 2SK2981 Datasheet HTML 7Page - NEC 2SK2981 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice.
©
1998
MOS FIELD EFFECT TRANSISTOR
2SK2981
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
DATA SHEET
Document No.
D12355EJ1V0DS00 (1st edition)
Date Published
December 1998 NS CP(K)
Printed in Japan
PACKAGE DRAWING (Unit : mm)
TO-251(MP-3)
1. Gate
2. Drain
3. Source
4. Fin (Drain)
6.5 ±0.2
5.0 ±0.2
2.3 ±0.2
0.5 ±0.1
0.6 ±0.1
0.6 ±0.1
1.3 MAX.
12 3
2.3 2.3
4
6.5 ±0.2
5.0 ±0.2
2.3 ±0.2
0.5 ±0.1
1.3 MAX.
2.3 2.3
12
3
4
0.9
MAX.
0.8
MAX.
0.8
1. Gate
2. Drain
3. Source
4. Fin (Drain)
TO-252(MP-3Z) (SURFACE MOUNT TYPE)
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
DESCRIPTION
This product is N-Channel MOS Field Effect Transistor designed for high current switching applications.
FEATURES
• Low on-resistance
RDS(on)1 = 27 m
Ω (MAX.) (VGS = 10 V, ID = 10 A)
RDS(on)2 = 40 m
Ω (MAX.) (VGS = 4.5 V, ID = 10 A)
RDS(on)3 = 50 m
Ω (MAX.) (VGS = 4 V, ID = 10 A)
• Low Ciss : Ciss = 860 pF (TYP.)
• Built-in gate protection diode
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK2981
TO-251
2SK2981-Z
TO-252
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage (VGS = 0)
VDSS
30
V
Gate to Source Voltage (VDS = 0)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±20
A
Drain Current (Pulse)
Note
ID(pulse)
±80
A
Total Power Dissipation (Tc = 25 °C)
PT
20
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to + 150
°C
Note PW
≤ 10
µs, Duty cycle ≤ 1 %
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.


유사한 부품 번호 - 2SK2981

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2981 RENESAS-2SK2981 Datasheet
231Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
2SK2981-Z RENESAS-2SK2981-Z Datasheet
231Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

유사한 설명 - 2SK2981

제조업체부품명데이터시트상세설명
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com