전자부품 데이터시트 검색엔진 |
|
2SK2983-S 데이터시트(PDF) 6 Page - NEC |
|
2SK2983-S 데이터시트(HTML) 6 Page - NEC |
6 / 8 page 6 2SK2983 PACKAGE DRAWINGS (Unit : mm) 1)TO-220AB (MP-25) 2)TO-262 (TO-220 Fin Cut:MP-25S) 3)TO-263 (JEDEC TYPE:MP-25ZJ) EQUIVALENT CIRCUIT Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device Source Body Diode Gate Protection Diode Gate Drain 4.8 MAX. 1.Gate 2.Drain 3.Source 4.Fin (Drain) 1 2 3 10.6 MAX. 10.0 3.6±0.2 4 1.3±0.2 0.75±0.1 2.54 TYP. 2.54 TYP. 1.3±0.2 0.5±0.2 2.8±0.2 φ 4.8 MAX. 1.Gate 2.Drain 3.Source 4.Fin (Drain) 1 2 3 (10) 4 1.3±0.2 0.75±0.3 2.54 TYP. 2.54 TYP. 1.3±0.2 0.5±0.2 2.8±0.2 (10) 1.4±0.2 2.54 TYP. 2.54 TYP. 123 4 4.8 MAX. 1.3±0.2 0.5±0.2 (0.5R) (0.8R) 1.Gate 2.Drain 3.Source 4.Fin (Drain) 0.7±0.2 |
유사한 부품 번호 - 2SK2983-S |
|
유사한 설명 - 2SK2983-S |