전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2984 데이터시트(PDF) 5 Page - NEC

부품명 2SK2984
상세설명  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

2SK2984 데이터시트(HTML) 5 Page - NEC

  2SK2984 Datasheet HTML 1Page - NEC 2SK2984 Datasheet HTML 2Page - NEC 2SK2984 Datasheet HTML 3Page - NEC 2SK2984 Datasheet HTML 4Page - NEC 2SK2984 Datasheet HTML 5Page - NEC 2SK2984 Datasheet HTML 6Page - NEC 2SK2984 Datasheet HTML 7Page - NEC 2SK2984 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SK2984
1.0
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
ID - Drain Current - A
1
0.1
0
- 50
5
0
50
100
150
ID = 20 A
10
0.1
100
1000
10000
1
10
100
VGS = 0 V
f = 1 MHz
10
100
1000
1
10
100
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Diode Current - A
di/dt = 100 A/
µs
VGS = 0 V
1
0.1
10
1
10
100
VDD = 15 V
VGS = 10 V
RG = 10
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
20
40
60
80
10
20
30
40
2
4
6
8
0
10
20
15
Ciss
Coss
Crss
VDD = 24 V
15 V
6 V
VDS
tf
1000
100
12
14
10
ID = 40 A
VGS
VGS = 10 V
VGS = 4.5 V
0
1.5
tr
td(on)
td(off)
VSD - Source to Drain Voltage - V
0.5
Pulsed
VGS = 0 V
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
0.1
1
10
100


유사한 부품 번호 - 2SK2984

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2984 RENESAS-2SK2984 Datasheet
240Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
2SK2984-S RENESAS-2SK2984-S Datasheet
240Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
2SK2984-ZJ RENESAS-2SK2984-ZJ Datasheet
240Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

유사한 설명 - 2SK2984

제조업체부품명데이터시트상세설명
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com