전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2831 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2831
상세설명  High Frequency 1.5A Load - Step-Down DC-DC Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2831 데이터시트(HTML) 1 Page - Texas Instruments

  LM2831 Datasheet HTML 1Page - Texas Instruments LM2831 Datasheet HTML 2Page - Texas Instruments LM2831 Datasheet HTML 3Page - Texas Instruments LM2831 Datasheet HTML 4Page - Texas Instruments LM2831 Datasheet HTML 5Page - Texas Instruments LM2831 Datasheet HTML 6Page - Texas Instruments LM2831 Datasheet HTML 7Page - Texas Instruments LM2831 Datasheet HTML 8Page - Texas Instruments LM2831 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
GND
FB
EN
VIN
SW
VIN = 5V
C1
R3
D1
L1
R2
R1
C2
C3
VO = 3.3V @ 1.5A
LM2831
LM2831
www.ti.com
SNVS422B – AUGUST 2006 – REVISED JANUARY 2012
LM2831 High Frequency 1.5A Load - Step-Down DC-DC Regulator
Check for Samples: LM2831
1
FEATURES
DESCRIPTION
The LM2831 regulator is a monolithic, high frequency,
2
Space Saving SOT-23 Package
PWM step-down DC/DC converter in a 5 pin SOT-23
Input Voltage Range of 3.0V to 5.5V
and a 6 Pin WSON package. It provides all the active
Output Voltage Range of 0.6V to 4.5V
functions to provide local DC/DC conversion with fast
transient response and accurate regulation in the
1.5A Output Current
smallest possible PCB area. With a minimum of
High Switching Frequencies
external components, the LM2831 is easy to use. The
1.6MHz (LM2831X)
ability to drive 1.5A loads with an internal 130 m
PMOS switch using state-of-the-art 0.5 µm BiCMOS
0.55MHz (LM2831Y)
technology
results
in
the
best
power
density
3.0MHz (LM2831Z)
available. The world-class control circuitry allows on-
130m
Ω PMOS Switch
times as low as 30ns, thus supporting exceptionally
high frequency conversion over the entire 3V to 5.5V
0.6V, 2% Internal Voltage Reference
input operating range down to the minimum output
Internal Soft-Start
voltage of 0.6V. Switching frequency is internally set
Current Mode, PWM Operation
to 550 kHz, 1.6 MHz, or 3.0 MHz, allowing the use of
Thermal Shutdown
extremely small surface mount inductors and chip
capacitors. Even though the operating frequency is
Over Voltage Protection
high, efficiencies up to 93% are easy to achieve.
External shutdown is included, featuring an ultra-low
APPLICATIONS
stand-by current of 30 nA. The LM2831 utilizes
Local 5V to Vcore Step-Down Converters
current-mode control and internal compensation to
provide high-performance regulation over a wide
Core Power in HDDs
range of operating conditions. Additional features
Set-Top Boxes
include internal soft-start circuitry to reduce inrush
USB Powered Devices
current,
pulse-by-pulse
current
limit,
thermal
shutdown, and output over-voltage protection.
DSL Modems
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2831

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2831XMF NSC-LM2831XMF Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831XMF/NOPB TI-LM2831XMF/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2831XMFX NSC-LM2831XMFX Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
More results

유사한 설명 - LM2831

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2830 NSC-LM2830 Datasheet
860Kb / 24P
   High Frequency 1.0A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI-LM2831_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2831 High-Frequency 1.5-A Load ??Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
National Semiconductor ...
LM2738 NSC-LM2738 Datasheet
605Kb / 28P
   550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com