전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3253 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM3253
상세설명  High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM3253 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM3253_14 Datasheet HTML 6Page - Texas Instruments LM3253_14 Datasheet HTML 7Page - Texas Instruments LM3253_14 Datasheet HTML 8Page - Texas Instruments LM3253_14 Datasheet HTML 9Page - Texas Instruments LM3253_14 Datasheet HTML 10Page - Texas Instruments LM3253_14 Datasheet HTML 11Page - Texas Instruments LM3253_14 Datasheet HTML 12Page - Texas Instruments LM3253_14 Datasheet HTML 13Page - Texas Instruments LM3253_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
20 s/DIV
IOUT
2V/DIV
1A/DIV
VCON
2V/DIV
VOUT
20 s/DIV
5 mV/DIV
VOUT
50 mA/DIV
IOUT
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
2
4
6
8
10
12
INPUT VOLTAGE (V)
20 s/DIV
IOUT
2V/DIV
500 mA/DIV
VCON
2V/DIV
VOUT
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
INPUT VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
210
220
230
240
250
260
270
280
290
INPUT VOLTAGE (V)
LM3253
SNVS791Q – FEBRUARY 2012 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Center-Switching Frequency vs. Supply Voltage
Quiescent Current (PFM) vs. Supply Voltage
VOUT = 2.5V, IOUT = 700mA, VIN = 3.8V
VOUT = 1V, 2.7V < VIN< 5.5V (No Load)
Figure 8.
Figure 9.
Quiescent Current (PWM) vs. Supply Voltage
VCON Transient (3G/4G)
VOUT = 2.5V, 2.7V < VIN< 5.5V (No Load)
VOUT = 0V to 3V, RLOAD = 6.8Ω, VIN = 3.8V
Figure 10.
Figure 11.
VCON Transient (2G)
Load Transient in PFM Mode
VOUT = 1.4V to 3.4V, RLOAD = 1.9Ω, VIN = 4.2V
VOUT = 1V, IOUT = 0mA to 60mA, VIN = 3.6V
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM3253


유사한 부품 번호 - LM3253_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results

유사한 설명 - LM3253_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243_14 Datasheet
4Mb / 29P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
REVISED FEBRUARY 2013
LM3253 TI-LM3253_15 Datasheet
946Kb / 25P
[Old version datasheet]   LM3253 High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3243 TI1-LM3243 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
February 24, 2012
LM3253 TI1-LM3253 Datasheet
139Kb / 5P
[Old version datasheet]   High-Current Step-Down Converter for 2G/3G/4G RF Power
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
logo
Taoglas antenna solutio...
GA.110.101111 TAOGLAS-GA.110.101111_18 Datasheet
1Mb / 13P
   4G/3G/2G HIGH GAIN
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
logo
Taoglas antenna solutio...
TG10RA0113 TAOGLAS-TG10RA0113 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com