전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4951A 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM4951A
상세설명  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM4951A 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM4951A_14 Datasheet HTML 6Page - Texas Instruments LM4951A_14 Datasheet HTML 7Page - Texas Instruments LM4951A_14 Datasheet HTML 8Page - Texas Instruments LM4951A_14 Datasheet HTML 9Page - Texas Instruments LM4951A_14 Datasheet HTML 10Page - Texas Instruments LM4951A_14 Datasheet HTML 11Page - Texas Instruments LM4951A_14 Datasheet HTML 12Page - Texas Instruments LM4951A_14 Datasheet HTML 13Page - Texas Instruments LM4951A_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2.7
SUPPLY VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9
0
20
100
LOAD RESISTANCE (W)
0
50
100
150
200
250
300
350
400
450
40
60
80
0
2
4
6
8
10
SUPPLY VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
3
4
5
6
7
8
9
SUPPLY VOLTAGE (V)
0
0.5
1
1.5
2
2.5
10
0
50
100
150
200
250
300
OUTPUT POWER (mW)
0
50
100
150
200
250
300
0
OUTPUT POWER (mW)
200
400
600
800 1000 1200 1400
0
200
400
600
800
1000
1200
1400
1600
LM4951A
SNAS453B – AUGUST 2008 – REVISED SEPTEMBER 2008
www.ti.com
Typical Performance Characteristics (continued)
Power Dissipation
Power Dissipation
vs Output Power
vs Output Power
VDD = 3.3V, RL = 8Ω, f = 1kHz
VDD = 7.5V, RL = 8Ω, f = 1kHz
Figure 27.
Figure 28.
Clipping Voltage vs Supply Voltage
Supply Current
RL = 8Ω,
vs Supply Voltage
from top to bottom: Negative Voltage Swing; Positive
RL = 8Ω, VIN = 0V, Rsource = 50Ω
Voltage Swing
Figure 29.
Figure 30.
Output Power vs Supply Voltage
Output Power vs Load Resistance
RL = 8Ω,
VDD = 3.3V, f = 1kHz
from top to bottom: THD+N = 10%, THD+N = 1%
from top to bottom: THD+N = 10%, THD+N = 1%
Figure 31.
Figure 32.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LM4951A


유사한 부품 번호 - LM4951A_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4951ASD NSC-LM4951ASD Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASDX NSC-LM4951ASDX Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

유사한 설명 - LM4951A_14

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM4951A NSC-LM4951A Datasheet
1Mb / 20P
   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
logo
Texas Instruments
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Texas Instruments
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com