전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34919 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM34919
상세설명  Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM34919 데이터시트(HTML) 5 Page - Texas Instruments

  LM34919_14 Datasheet HTML 1Page - Texas Instruments LM34919_14 Datasheet HTML 2Page - Texas Instruments LM34919_14 Datasheet HTML 3Page - Texas Instruments LM34919_14 Datasheet HTML 4Page - Texas Instruments LM34919_14 Datasheet HTML 5Page - Texas Instruments LM34919_14 Datasheet HTML 6Page - Texas Instruments LM34919_14 Datasheet HTML 7Page - Texas Instruments LM34919_14 Datasheet HTML 8Page - Texas Instruments LM34919_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
6.5
7.0
7.5
8.0
8.5
9.0
5.0
5.5
6.0
6.5
7.0
7.5
VIN (V)
IOUT = 0 mA,
All frequencies
650 kHz,
IOUT = 200 mA
1.3 MHz,
IOUT = 200 mA
0
2
4
6
8
10
12
ICC (mA)
0
1
2
3
4
5
6
7
8
VIN = 9V
VIN = 8V
VCC Externally Loaded
FS = 800 kHz
VIN
8 10V
LM34919
www.ti.com
SNOSAY2D – MAY 2007 – REVISED JUNE 2008
Typical Performance Characteristics
Efficiency at 800 kHz
Efficiency at 2 MHz
VCC
VCC
vs
vs
VIN
ICC
ICC
ON-TIME
vs
vs
Externally Applied VCC
VIN and RON
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM34919


유사한 부품 번호 - LM34919_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
More results

유사한 설명 - LM34919_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com