전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM34925 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM34925
상세설명  Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM34925 데이터시트(HTML) 5 Page - Texas Instruments

  LM34925_14 Datasheet HTML 1Page - Texas Instruments LM34925_14 Datasheet HTML 2Page - Texas Instruments LM34925_14 Datasheet HTML 3Page - Texas Instruments LM34925_14 Datasheet HTML 4Page - Texas Instruments LM34925_14 Datasheet HTML 5Page - Texas Instruments LM34925_14 Datasheet HTML 6Page - Texas Instruments LM34925_14 Datasheet HTML 7Page - Texas Instruments LM34925_14 Datasheet HTML 8Page - Texas Instruments LM34925_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LM34925
www.ti.com
SNVS846E – JUNE 2012 – REVISED DECEMBER 2013
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48 V, unless otherwise stated. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Thermal Shutdown
Tsd
Thermal Shutdown Temp.
165
°C
Thermal Shutdown Hysteresis
20
°C
Thermal Resistance
Junction to Ambient
SO PowerPAD-8
40
°C/W
θJA
WSON-8
40
°C/W
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM34925


유사한 부품 번호 - LM34925_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34925MR/NOPB TI1-LM34925MR/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925MRX/NOPB TI1-LM34925MRX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SD/NOPB TI1-LM34925SD/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925SDX/NOPB TI1-LM34925SDX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
More results

유사한 설명 - LM34925_14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI-LM34927_15 Datasheet
2Mb / 28P
[Old version datasheet]   LM34927 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34926 TI1-LM34926 Datasheet
1Mb / 28P
[Old version datasheet]   LM34926 Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34927SD TI1-LM34927SD Datasheet
2Mb / 26P
[Old version datasheet]   LM34927 Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF_15 Datasheet
506Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com